Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
ADMV1013
Data Sheet
Rev. A | Page 8 of 39
Pin No.
Mnemonic
Description
32
VCC_MIXER
3.3 V Power Supply for Mixer. Place a 100 pF, a 0.01 µF, and a 10 µF capacitor close to this pin.
33
VCC_BG
3.3 V Power Supply for Mixer Chip Band Gap Circuit. Place a 100 pF, a 0.01 µF, and a 10 µF capacitor
close to this pin.
34
BG_RBIAS1
Mixer Chip Band Gap Circuit, External High Precision Resistor. Place a 1.1 kΩ, high precision resistor
shunt to ground close to this pin.
35
VCC_QUAD
3.3 V Power Supply for Quadruppler. Place a 100 pF, a 0.01 µF, and a 10 µF capacitor close to this pin.
37, 38
LON, LOP
Negative and Positive Differential Local Oscillator Input. This pin is dc-coupled internally to ground
and matched to 100 Ω differential or 50 Ω single ended. If using the LO as single ended, terminate
the unused LO port with 50 Ω impedance to ground.
40
SEN
SPI Serial Enable for Mixer Chip. Connect this pin with Pin 18 (SEN2).
EPAD
Exposed Pad. Solder the exposed pad to a low impedance ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com