Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
ADMV1013
Data Sheet
Rev. A | Page 20 of 39
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
VCTRL (V)
POUT ENVELOPE AT PIN = –10dBm
POUT ENVELOPE AT PIN = –15dBm
VENV_N/VENV_P DELTA, PIN = –10dBm
VENV_N/VENV_P DELTA, PIN = –15dBm
Figure 66. HD1 POUT Envelope and VENV_N/VENV_P Delta vs. VCTRL at
Various Total Input Power (PIN) Levels, Measurements Performed at 28 GHz
with Two Input Tones with Separation of 100 MHz
–60
–50
–40
–30
–20
–10
0
POUT RF PER TONE (dBm)
POUT ENVELOPE AT +25°C
POUT ENVELOPE AT +85°C
POUT ENVELOPE AT –40°C
Figure 67. POUT Envelope vs. POUT RF per Tone at Various Temperatures at
fRF = 33 GHz, Measurement Performed at 3.5 GHz IF with Two Tones at
100 MHz Spacing, VCTRL = 1800 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com