Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Data Sheet
ADMV1013
Rev. A | Page 19 of 39
ENVELOPE DETECTOR PERFORMANCE
IF and I/Q amplitude = −20 dBm, VCC_DRV = VCC2_DRV = VCC_AMP2 = VCC_ENV = VCC_AMP1 = VCC_BG2 = VCC_MIXER =
VCC_BG = VCC_QUAD = 3.3 V, DVDD = VCC_VVA = 1.8 V, TA = 25°C, and set Register 0x0A to 0xE700, unless otherwise noted.
Measurements in IF mode performed with a 90° hybrid, Register 0x03, Bit 7 = 1, IF fIF = 3.5 GHz.
Measurements in I/Q mode are measured as a composite of the I and Q channel performance, VCM = 0 V, Register 0x03, Bit 7 = 0, and
Register 0x05, Bits[6:0] = 0x051, unless otherwise noted. I/Q fBB = 100 MHz.
VCTRL1 = VCTRL2. VCTRL is the attenuation voltage at the VCTRL1 and VCTRL2 pins. VCTRL = 1800 mV, unless otherwise specified.
Envelope detector measurements made with Register 0x03, Bit 5 = 1.
–70
–60
–50
–40
–30
–20
–10
0
25
50
75
100
125
150
175
200
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
VENV_N/VENV_P DELTA, POUT = 13dBm
VENV_N/VENV_P DELTA, POUT = 5dBm
VENV_N/VENV_P DELTA, POUT = 0dBm
ENVELOPE POUT, POUT = 13dBm
ENVELOPE POUT, POUT = 5dBm
ENVELOPE POUT, POUT = 0dBm
Figure 63. VENV_N/VENV_P Delta and Envelope POUT Delta vs. RF Frequency
at Various Output Power Levels, Envelope Frequency = 100 MHz, VCTRL = 1800 mV,
TA = 25°C, LO = 0 dBm, IF = 2 GHz (Upper Sideband)
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
ENVELOPE FREQUENCY (MHz)
NORMALIZED HD1, 1×
NORMALIZED HD2, 2×
Figure 64. Output Level vs. Envelope Frequency for Normalized Harmonic
Distortion (HD1), 1× and Normalized Harmonic Distortion(HD2), 2×,
fRF = 28 GHz, LO = 0 dBm at 25°C, HD1 and HD2 Measurement Performed
with Two Tones with Delta Equal to Envelope Frequency,
HD2 Normalized to HD1 Level at 50 MHz
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
–20 –18
–16
–14
–12
–10
–8
–6
–4
–2
0
2
POWER IN TOTAL (dBm)
POUT RF
POUT ENVELOPE AT HD1
POUT ENVELOPE AT HD2
VENV_N/VENV_P DELTA
Figure 65. POUT and VENV_N/VENV_P Delta vs. Power In Total for POUT RF,
POUT Envelope HD1, POUT Envelope HD2, and VENV_N/VENV_P Delta,
Measurements Performed with Two Tones with 100 MHz Separation,
fRF = 28 GHz, VCTRL = 1800 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com