Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 334 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 334 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 330Page - Renesas Technology Corp HD64F2145 Datasheet HTML 331Page - Renesas Technology Corp HD64F2145 Datasheet HTML 332Page - Renesas Technology Corp HD64F2145 Datasheet HTML 333Page - Renesas Technology Corp HD64F2145 Datasheet HTML 334Page - Renesas Technology Corp HD64F2145 Datasheet HTML 335Page - Renesas Technology Corp HD64F2145 Datasheet HTML 336Page - Renesas Technology Corp HD64F2145 Datasheet HTML 337Page - Renesas Technology Corp HD64F2145 Datasheet HTML 338Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 829 page
background image
Rev. 2.0, 08/02, page 294 of 788
12.9.4
Conflict between Compare-Matches A and B
If compare-matches A and B occur at the same time, the 8-bit timer operates in accordance with
the priorities for the output states set for compare-match A and compare-match B, as shown in
table 12.5.
Table 12.5
Timer Output Priorities
Output Setting
Priority
Toggle output
High
1 output
0 output
No change
Low
12.9.5
Switching of Internal Clocks and TCNT Operation
TCNT may increment erroneously when the internal clock is switched over. Table 12.6 shows the
relationship between the timing at which the internal clock is switched (by writing to the CKS1
and CKS0 bits) and the TCNT operation.
When the TCNT clock is generated from an internal clock, the falling edge of the internal clock
pulse is detected. If clock switching causes a change from high to low level, as shown in no. 3 in
table 12.6, a TCNT clock pulse is generated on the assumption that the switchover is a falling
edge, and TCNT is incremented.
Erroneous incrementation can also happen when switching between internal and external clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com