Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 341 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 341 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 337Page - Renesas Technology Corp HD64F2145 Datasheet HTML 338Page - Renesas Technology Corp HD64F2145 Datasheet HTML 339Page - Renesas Technology Corp HD64F2145 Datasheet HTML 340Page - Renesas Technology Corp HD64F2145 Datasheet HTML 341Page - Renesas Technology Corp HD64F2145 Datasheet HTML 342Page - Renesas Technology Corp HD64F2145 Datasheet HTML 343Page - Renesas Technology Corp HD64F2145 Datasheet HTML 344Page - Renesas Technology Corp HD64F2145 Datasheet HTML 345Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 829 page
background image
Rev. 2.0, 08/02, page 301 of 788
Bit
Bit Name
Initial Value
R/W
Description
4
ICST
0
R/W
Input Capture Start Bit
The TMR_X external reset input (TMRIX) is connected
to the IHI signal. TMR_X has input capture registers
(TICR, TICRR, and TICRF). TICRR and TICRF can
measure the width of a pulse by means of a single
capture operation under the control of the ICST bit.
When a rising edge followed by a falling edge is
detected on TMRIX after the ICST bit is set to 1, the
contents of TCNT at those points are captured into
TICRR and TICRF, respectively, and the ICST bit is
cleared to 0.
[Clearing condition]
When a rising edge followed by a falling edge is
detected on TMRIX
[Setting condition]
When 1 is written in ICST after reading ICST = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com