Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 287 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 287 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 283Page - Renesas Technology Corp HD64F2145 Datasheet HTML 284Page - Renesas Technology Corp HD64F2145 Datasheet HTML 285Page - Renesas Technology Corp HD64F2145 Datasheet HTML 286Page - Renesas Technology Corp HD64F2145 Datasheet HTML 287Page - Renesas Technology Corp HD64F2145 Datasheet HTML 288Page - Renesas Technology Corp HD64F2145 Datasheet HTML 289Page - Renesas Technology Corp HD64F2145 Datasheet HTML 290Page - Renesas Technology Corp HD64F2145 Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 829 page
background image
Rev. 2.0, 08/02, page 247 of 788
Bit
Bit Name
Initial Value
R/W
Description
2
OCIBE
0
R/W
Output Compare Interrupt B Enable
Selects whether to enable output compare interrupt B
request (OCIB) when output compare flag B (OCFB) in
TCSR is set to 1.
0: OCIB requested by OCFB is disabled
1: OCIB requested by OCFB is enabled
1
OVIE
0
R/W
Timer Overflow Interrupt Enable
Selects whether to enable a free-running timer overflow
request interrupt (FOVI) when the timer overflow flag
(OVF) in TCSR is set to 1.
0: FOVI requested by OVF is disabled
1: FOVI requested by OVF is enabled
0—
0
R
Reserved
This bit is always read as 1 and cannot be modified.
11.3.7
Timer Control/Status Register (TCSR)
TCSR is used for counter clear selection and control of interrupt request signals.
Bit
Bit Name
Initial Value
R/W
Description
7
ICFA
0
R/(W)* Input Capture Flag A
This status flag indicates that the FRC value has been
transferred to ICRA by means of an input capture
signal. When BUFEA = 1, ICFA indicates that the old
ICRA value has been moved into ICRC and the new
FRC value has been transferred to ICRA. Only 0 can be
written to this bit to clear the flag.
[Setting condition]
When an input capture signal causes the FRC value to
be transferred to ICRA
[Clearing condition]
Read ICFA when ICFA = 1, then write 0 to ICFA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com