Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 290 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 290 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 286Page - Renesas Technology Corp HD64F2145 Datasheet HTML 287Page - Renesas Technology Corp HD64F2145 Datasheet HTML 288Page - Renesas Technology Corp HD64F2145 Datasheet HTML 289Page - Renesas Technology Corp HD64F2145 Datasheet HTML 290Page - Renesas Technology Corp HD64F2145 Datasheet HTML 291Page - Renesas Technology Corp HD64F2145 Datasheet HTML 292Page - Renesas Technology Corp HD64F2145 Datasheet HTML 293Page - Renesas Technology Corp HD64F2145 Datasheet HTML 294Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 829 page
background image
Rev. 2.0, 08/02, page 250 of 788
11.3.8
Timer Control Register (TCR)
TCR selects the rising or falling edge of the input capture signals, enables the input capture buffer
mode, and selects the FRC clock source.
Bit
Bit Name
Initial Value
R/W
Description
7
IEDGA
0
R/W
Input Edge Select A
Selects the rising or falling edge of the input capture A
signal (FTIA).
0: Capture on the falling edge of FTIA
1: Capture on the rising edge of FTIA
6
IEDGB
0
R/W
Input Edge Select B
Selects the rising or falling edge of the input capture B
signal (FTIB).
0: Capture on the falling edge of FTIB
1: Capture on the rising edge of FTIB
5
IEDGC
0
R/W
Input Edge Select C
Selects the rising or falling edge of the input capture C
signal (FTIC).
0: Capture on the falling edge of FTIC
1: Capture on the rising edge of FTIC
4
IEDGD
0
R/W
Input Edge Select D
Selects the rising or falling edge of the input capture D
signal (FTID).
0: Capture on the falling edge of FTID
1: Capture on the rising edge of FTID
3
BUFEA
0
R/W
Buffer Enable A
Selects whether ICRC is to be used as a buffer register
for ICRA.
0: ICRC is not used as a buffer register for ICRA
1: ICRC is used as a buffer register for ICRA
2
BUFEB
0
R/W
Buffer Enable B
Selects whether ICRD is to be used as a buffer register
for ICRB.
0: ICRD is not used as a buffer register for ICRB
1: ICRD is used as a buffer register for ICRB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com