Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 292 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 292 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 288Page - Renesas Technology Corp HD64F2145 Datasheet HTML 289Page - Renesas Technology Corp HD64F2145 Datasheet HTML 290Page - Renesas Technology Corp HD64F2145 Datasheet HTML 291Page - Renesas Technology Corp HD64F2145 Datasheet HTML 292Page - Renesas Technology Corp HD64F2145 Datasheet HTML 293Page - Renesas Technology Corp HD64F2145 Datasheet HTML 294Page - Renesas Technology Corp HD64F2145 Datasheet HTML 295Page - Renesas Technology Corp HD64F2145 Datasheet HTML 296Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 829 page
background image
Rev. 2.0, 08/02, page 252 of 788
Bit
Bit Name
Initial Value
R/W
Description
4
OCRS
0
R/W
Output Compare Register Select
OCRA and OCRB share the same address. When this
address is accessed, the OCRS bit selects which
register is accessed. The operation of OCRA or OCRB
is not affected.
0: OCRA is selected
1: OCRB is selected
3
OEA
0
R/W
Output Enable A
Enables or disables output of the output compare A
output pin (FTOA).
0: Output compare A output is disabled
1: Output compare A output is enabled
2
OEB
0
R/W
Output Enable B
Enables or disables output of the output compare B
output pin (FTOB).
0: Output compare B output is disabled
1: Output compare B output is enabled
1
OLVLA
0
R/W
Output Level A
Selects the level to be output at the output compare A
output pin (FTOA) in response to compare-match A
(signal indicating a match between the FRC and OCRA
values). When the OCRAMS bit is 1, this bit is ignored.
0: 0 is output at compare-match A
1: 1 is output at compare-match A
0
OLVLB
0
R/W
Output Level B
Selects the level to be output at the output compare B
output pin (FTOB) in response to compare-match B
(signal indicating a match between the FRC and OCRB
values).
0: 0 is output at compare-match B
1: 1 is output at compare-match B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com