Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 291 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 291 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 287Page - Renesas Technology Corp HD64F2145 Datasheet HTML 288Page - Renesas Technology Corp HD64F2145 Datasheet HTML 289Page - Renesas Technology Corp HD64F2145 Datasheet HTML 290Page - Renesas Technology Corp HD64F2145 Datasheet HTML 291Page - Renesas Technology Corp HD64F2145 Datasheet HTML 292Page - Renesas Technology Corp HD64F2145 Datasheet HTML 293Page - Renesas Technology Corp HD64F2145 Datasheet HTML 294Page - Renesas Technology Corp HD64F2145 Datasheet HTML 295Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 829 page
background image
Rev. 2.0, 08/02, page 251 of 788
Bit
Bit Name
Initial Value
R/W
Description
1
0
CKS1
CKS0
0
0
R/W
Clock Select 1, 0
Select clock source for FRC.
00: ø/2 internal clock source
01: ø/8 internal clock source
10: ø/32 internal clock source
11: External clock source (counting at FTCI rising edge)
11.3.9
Timer Output Compare Control Register (TOCR)
TOCR enables output from the output compare pins, selects the output levels, switches access
between output compare registers A and B, controls the ICRD and OCRA operating modes, and
switches access to input capture registers A, B, and C.
Bit
Bit Name
Initial Value
R/W
Description
7
ICRDMS
0
R/W
Input Capture D Mode Select
Specifies whether ICRD is used in the normal operating
mode or in the operating mode using OCRDM.
0: The normal operating mode is specified for ICRD
1: The operating mode using OCRDM is specified for
ICRD
6
OCRAMS
0
R/W
Output Compare A Mode Select
Specifies whether OCRA is used in the normal
operating mode or in the operating mode using OCRAR
and OCRAF.
0: The normal operating mode is specified for OCRA
1: The operating mode using OCRAR and OCRAF is
specified for OCRA
5
ICRS
0
R/W
Input Capture Register Select
The same addresses are shared by ICRA and OCRAR,
by ICRB and OCRAF, and by ICRC and OCRDM. The
ICRS bit determines which registers are selected when
the shared addresses are read from or written to. The
operation of ICRA, ICRB, and ICRC is not affected.
0: ICRA, ICRB, and ICRC are selected
1: OCRAR, OCRAF, and OCRDM are selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com