Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 288 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 288 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 284Page - Renesas Technology Corp HD64F2145 Datasheet HTML 285Page - Renesas Technology Corp HD64F2145 Datasheet HTML 286Page - Renesas Technology Corp HD64F2145 Datasheet HTML 287Page - Renesas Technology Corp HD64F2145 Datasheet HTML 288Page - Renesas Technology Corp HD64F2145 Datasheet HTML 289Page - Renesas Technology Corp HD64F2145 Datasheet HTML 290Page - Renesas Technology Corp HD64F2145 Datasheet HTML 291Page - Renesas Technology Corp HD64F2145 Datasheet HTML 292Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 829 page
background image
Rev. 2.0, 08/02, page 248 of 788
Bit
Bit Name
Initial Value
R/W
Description
6
ICFB
0
R/(W)* Input Capture Flag B
This status flag indicates that the FRC value has been
transferred to ICRB by means of an input capture
signal. When BUFEB = 1, ICFB indicates that the old
ICRB value has been moved into ICRD and the new
FRC value has been transferred to ICRB. Only 0 can be
written to this bit to clear the flag.
[Setting condition]
When an input capture signal causes the FRC value to
be transferred to ICRB
[Clearing condition]
Read ICFB when ICFB = 1, then write 0 to ICFB
5
ICFC
0
R/(W)* Input Capture Flag C
This status flag indicates that the FRC value has been
transferred to ICRC by means of an input capture
signal. When BUFEA = 1, on occurrence of an input
capture signal specified by the IEDGC bit at the FTIC
input pin, ICFC is set but data is not transferred to
ICRC. In buffer operation, ICFC can be used as an
external interrupt signal by setting the ICICE bit to 1.
Only 0 can be written to this bit to clear the flag.
[Setting condition]
When an input capture signal is received
[Clearing condition]
Read ICFC when ICFC = 1, then write 0 to ICFC
4
ICFD
0
R/(W)* Input Capture Flag D
This status flag indicates that the FRC value has been
transferred to ICRD by means of an input capture
signal. When BUFEB = 1, on occurrence of an input
capture signal specified by the IEDGD bit at the FTID
input pin, ICFD is set but data is not transferred to
ICRD. In buffer operation, ICFD can be used as an
external interrupt signal by setting the ICIDE bit to 1.
Only 0 can be written to this bit to clear the flag.
[Setting condition]
When an input capture signal is received
[Clearing condition]
Read ICFD when ICFD = 1, then write 0 to ICFD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com