Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 293 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 293 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 289Page - Renesas Technology Corp HD64F2145 Datasheet HTML 290Page - Renesas Technology Corp HD64F2145 Datasheet HTML 291Page - Renesas Technology Corp HD64F2145 Datasheet HTML 292Page - Renesas Technology Corp HD64F2145 Datasheet HTML 293Page - Renesas Technology Corp HD64F2145 Datasheet HTML 294Page - Renesas Technology Corp HD64F2145 Datasheet HTML 295Page - Renesas Technology Corp HD64F2145 Datasheet HTML 296Page - Renesas Technology Corp HD64F2145 Datasheet HTML 297Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 829 page
background image
Rev. 2.0, 08/02, page 253 of 788
11.4
Operation
11.4.1
Pulse Output
Figure 11.2 shows an example of 50%-duty pulses output with an arbitrary phase difference.
When a compare match occurs while the CCLRA bit in TCSR is set to 1, the OLVLA and
OLVLB bits are inverted by software.
H'FFFF
OCRA
OCRB
H'0000
FTOA
FTOB
Counter clear
FRC
Figure 11.2 Example of Pulse Output
11.5
Operation Timing
11.5.1
FRC Increment Timing
Figure 11.3 shows the FRC increment timing with an internal clock source. Figure 11.4 shows the
increment timing with an external clock source. The pulse width of the external clock signal must
be at least 1.5 system clocks (ø). The counter will not increment correctly if the pulse width is
shorter than 1.5 system clocks (ø).
ø
Internal clock
FRC input
clock
FRC
N – 1
N + 1
N
Figure 11.3 Increment Timing with Internal Clock Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com