Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 304 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 304 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 300Page - Renesas Technology Corp HD64F2145 Datasheet HTML 301Page - Renesas Technology Corp HD64F2145 Datasheet HTML 302Page - Renesas Technology Corp HD64F2145 Datasheet HTML 303Page - Renesas Technology Corp HD64F2145 Datasheet HTML 304Page - Renesas Technology Corp HD64F2145 Datasheet HTML 305Page - Renesas Technology Corp HD64F2145 Datasheet HTML 306Page - Renesas Technology Corp HD64F2145 Datasheet HTML 307Page - Renesas Technology Corp HD64F2145 Datasheet HTML 308Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 829 page
background image
Rev. 2.0, 08/02, page 264 of 788
ø
Address
OCRAR (OCRAF)
address
Internal write signal
Compare-match signal
FRC
Automatic addition is not performed
because compare-match signals are disabled.
Disabled
OCRA
N
N
N+1
OCRAR (OCRAF)
Old data
New data
T1
T2
Write cycle of OCRAR/OCRAF
Figure 11.20 Conflict between OCRAR/OCRAF Write and Compare-Match
(When Automatic Addition Function is Used)
11.7.4
Switching of Internal Clock and FRC Operation
When the internal clock is changed, the changeover may cause FRC to increment. This depends on
the time at which the clock is switched (bits CKS1 and CKS0 are rewritten), as shown in table
11.3.
When an internal clock is used, the FRC clock is generated on detection of the falling edge of the
internal clock scaled from the system clock (ø). If the clock is changed when the old source is high
and the new source is low, as in case no. 3 in table 11.3, the changeover is regarded as a falling
edge that triggers the FRC clock, and FRC is incremented. Switching between an internal clock
and external clock can also cause FRC to increment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com