Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28HS01GTAM03 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 19Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 20Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 21Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 22Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 23Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 24Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 25Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 26Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 138 page
background image
Datasheet
23 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Address space maps
3
Address space maps
The HL-T/HS-T family supports 32-bit (4-Byte) addresses only to enable 256Mb or 512Mb or 1Mb density devices.
4-Byte addresses allow direct addressing of up to 4Mb (32Mb) address space. Besides Flash memory array,
HL-T/HS-T family includes separate address spaces for Manufacturer ID, Device ID, Unique ID, Serial Flash
Discoverable Parameters (SFDP), Secure Silicon Region (SSR), and Registers.
Figure 35
HL-T/HS-T address space map overview
3.1
SEMPER™ Flash memory array
The main flash array is divided into units called physical sectors.
The HL-T/HS-T family sector architecture supports the following options:
• 256Mb, 512Mb, 1Gb supports 256KB Uniform sector options
• 256Mb, 512Mb, 1Gb Hybrid sector options
- Physical set of thirty-two 4KB sectors and one 128KB sector at the top or bottom of address space with all
remaining sectors of 256KB
- Physical set of sixteen 4KB sectors and one 192KB sector at both the top and bottom of the address space with
all remaining sectors of 256KB
The combination of the sector architecture selection bits in Configuration Register-1 and Configuration
Register-3 support the different sector architecture options of the HL-T/HS-T family. See Registers on page 75
for more information.
Table 2
256KB uniform sector address map[7]
Sector
Size
(KB)
S28HL01GT and S28HS01GT
S28HL512T and S28HS512T
S28HL256T and S28HS256T
Sector
Count
Sector
Range
Byte Address Range
(Sector Starting Address
-
Sector Ending Address)
Sector
Count
Sector
Range
Byte Address Range
(Sector Starting
Address -
Sector Ending
Address)
Sector
Count
Sector
Range
Byte Address Range
(Sector Starting
Address -
Sector Ending
Address)
256
512
SA00
00000000h-0003FFFFh
256
SA00
00000000h-0003FFFFh
128
SA00
00000000h-0003FFFFh
:
:
:
:
:
:
SA511
07FC0000h-07FFFFFFh
SA255
03FC0000h-03FFFFFFh
SA127
01FC0000h-01FFFFFFh
Note
7. Configuration: CFR3N[3] = 1.
SEMPER™ flash
Memory Array
(256Mb / 512Mb / 1Gb)
SFDP
IDs
Registers
Secure Silicon Region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com