Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28HS01GTAM03 Datasheet(PDF) 85 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 85 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 81Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 82Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 83Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 84Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 85Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 86Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 87Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 88Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 89Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 138 page
background image
Datasheet
85 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Registers
5.8
Configuration register 5 (CFR5x)
Configuration Register 5 controls the Octal interface device behavior.
5.9
Interface CRC enable register (ICEV)
Interface CRC Enable Register controls the enabling/disabling of the Interface CRC function.
5.10
Interface CRC check-value register (ICRV)
The Interface CRC Check-value Register (ICRV) stores the results of the CRC calculation on the command and Data
Content over the interface for Protection.
Table 54
Configuration register 5
Bit
number
Name
Function
Read/Write
N = Nonvolatile
V = Volatile
Factory default
(binary)
Description
CFR5N[7]
CFR5V[7]
RESRVD
Reserved for Future Use
N -> R/W
V -> R/W
0
These bits are Reserved for future use. This bit must always be
written/loaded to its default state.
CFR5N[6]
CFR5V[6]
RESRVD
Reserved for Future Use
N -> R/W
V -> R/W
1
CFR5N[5:2]
CFR5V[5:2] RESRVD
Reserved for Future Use
N -> R/W
V -> R/W
0000
CFR5N[1]
CFR5V[1]
SDRDDR
Octal SPI SDR or DDR
selection
N -> R/W
V -> R/W
0
Description: The SDRDDR bit selects between SDR or DDR for
all data transfers to the device. Based on SDRDDR selection,
all transactions either are SDR or DDR.
Note SDRDDR bit only controls the interface for Octal mode
(8-8-8).
Selection Options:
0 = SDR enabled
1 = DDR enabled
Dependency: N/A
CFR5N[0]
CFR5V[0]
OPI-IT
Octal Interface and
Protocol Selection - I/O
width set to 8 bits (8-8-8)
N -> R/W
V -> R/W
0
Description: The OPI-IT bit selects the I/O width of the device
to be 8-bits wide. When configured to 8-bits (OPI-IT) all trans-
actions require Opcode, Address and Data always sent on all
eight I/Os.
Selection Options:
0 = Data Width set to 1 bit wide (1x) - Legacy Single SPI Protocol
1 = Data Width set to 8 wide (8x) - Octal Protocol
Dependency: N/A
Table 55
Interface CRC enable register
Bit
number
Name
Function
Read/Write
N = Nonvolatile
V = Volatile
Factory default
(binary)
Description
ICEV[7:1]
RESVRD
Reserved for Future
Use
V -> R
0000000
This bit is Reserved for future use. This bit must always be
written/loaded to its default state.
ICEV[0]
ITCRCE
Interface CRC
Selection
V -> R/W
0
Description: The ITCRCE bit controls enabling/disabling of the
Interface CRC function.
Selection Options:
0 = Interface CRC Enabled
1 = Interface CRC Disabled
Dependency: N/A
Table 56
Interface CRC check-value register
Bit
number
Name
Function
Read/Write
N = Nonvolatile
V = Volatile
Factory default
(binary)
Description
ICRV[31:0] ITCRCV[31:0] Interface CRC
Checksum Value
V -> R
0xFFFFFFFF
Description: The ITCRCV[31:0] bits store the check-value of the
CRC process on the memory array data contained within the
starting address and the ending address.
Selection Options: Checksum Value
Dependency: N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com