Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28HS01GTAM03 Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 40Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 41Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 42Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 43Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 44Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 45Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 46Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 47Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 138 page
background image
Datasheet
44 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
ASP provides a rich set of configuration options producing multiple data protection schemes which can be
employed based on design or system needs. These configuration options are discussed in Configuration
protection on page 44 through ASP related registers and transactions on page 49.
4.5.2.1
Configuration protection
ASP provides provisions to protect device's configuration through Persistent Protection scheme. Selecting bit 1
in Advanced Sector Protection Register (ASPO[1] - ASPPER) selects the Persistent Protection scheme and protects
the following registers or register bits from write or program.
• CFR1V[6,5,4,2]/CFR1N[6,5,4,2] - SP4KBS, TBPROT, PLPROT, TB4KBS
• CFR3N[3]/CFR3V[3] - UNHYSA
• ASPO[15:0]
• PWDO[63:0]
The Persistent Protection scheme flowchart is shown in Figure 46.
Figure 46
Persistent protection scheme flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com