Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28HS01GTAM03 Datasheet(PDF) 84 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 84 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 80Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 81Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 82Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 83Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 84Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 85Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 86Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 87Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 88Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 138 page
background image
Datasheet
84 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Registers
CFR4N[2]
CFR4V[2]
DPDPOR
Deep Power Down
power saving mode
entry selection upon
POR
N -> R/W
V -> R
0
Description: The DPDPOR bit selects if the device will be in
either Deep Power Down (DPD) mode or the Standby mode
after the completion of POR. If enabled, DPDPOR configures
the device to start in DPD mode to reduce current
consumption until the device is needed. If the device is in
DPD, a pulse on CS# or a Hardware reset will return the device
to Standby mode.
Selection Options:
0 = Standby mode is entered upon the completion of POR
1 = Deep Power Down Power mode is entered upon the
completion of POR
Dependency: N/A
CFR4N[1:0]
CFR4V[1:0] RBSTWL[1:0]
Read Burst Wrap Length
selection
N -> R/W
V -> R/W
00
Description: The RBSTWL[1:0] bits select the read burst wrap
length and alignment during normal operation. It selects the
fixed length/aligned group of 8-, 16-, 32-, or 64-bytes.
Selection Options:
00 = 8 Bytes Wrap length
01 = 16 Bytes Wrap length
10 = 32 Bytes Wrap length
11 = 64 Bytes Wrap length
Dependency: RBSTWP (CFR4x[4])
Table 53
Output Data Wrap Sequence
Wrap boundary
(bytes)
Start address
(Hex)
Address sequence (Hex)
Sequential
XXXXXX03
03, 04, 05, 06, 07, 08, 09, 0A, 0B, 0C, 0D, 0E, 0F, 10, 11, 12, 13, 14, 15, 16, 17, 18.
8
XXXXXX00
00, 01, 02, 03, 04, 05, 06, 07, 00, 01, 02.
8
XXXXXX07
07, 00, 01, 02, 03, 04, 05, 06, 07, 00, 01.
16
XXXXXX02
02, 03, 04, 05, 06, 07, 08, 09, 0A, 0B, 0C, 0D, 0E, 0F, 00, 01, 02, 03.
16
XXXXXX0C
0C, 0D, 0E, 0F, 00, 01, 02, 03, 04, 05, 06, 07, 08, 09, 0A, 0B, 0C, 0D, 0E.
32
XXXXXX0A
0A, 0B, 0C, 0D, 0E, 0F, 10, 11, 12, 13, 14, 15, 16, 17, 18, 19, 1A, 1B, 1C, 1D, 1E, 1F, 00, 01, 02, 03, 04, 05, 06, 07, 08,
09, 0A, 0B, 0C, 0D, 0E, 0F.
32
XXXXXX1E
1E, 1F, 00, 01, 02, 03, 04, 05, 06, 07, 08, 09, 0A, 0B, 0C, 0D, 0E, 0F, 10, 11, 12, 13, 14, 15, 16, 17, 18, 19, 1A, 1B, 1C,
1D, 1E, 1F, 00.
64
XXXXXX03
03, 04, 05, 06, 07, 08, 09, 0A, 0B, 0C, 0D, 0E, 0F, 10, 11, 12, 13, 14, 15, 16, 17, 18, 19, 1A, 1B, 1C, 1D, 1E, 1F, 20, 21,
22, 23, 24, 25, 26, 27, 28, 29, 2A, 2B, 2C, 2D, 2E, 2F, 30, 31, 32, 33, 34, 35, 36, 37, 38, 39, 3A, 3B, 3C, 3D, 3E, 3F 00,
01, 02.
64
XXXXXX2E
2E, 2F, 30, 31, 32, 33, 34, 35, 36, 37, 38, 39, 3A, 3B, 3C, 3D, 3E, 3F, 00, 01, 02, 03, 04, 05, 06, 07, 08, 09, 0A, 0B, 0C,
0D, 0E, 0F, 10, 11, 12, 13, 14, 15, 16, 17, 18, 19, 1A, 1B, 1C, 1D, 1E, 1F, 20, 21, 22, 23, 24, 25, 26, 27, 28, 29, 2A, 2B,
2C, 2D.
Table 52
Configuration register 4 (Continued)
Bit
number
Name
Function
Read/Write
N = Nonvolatile
V = Volatile
Factory default
(binary)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com