Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28HS01GTAM03 Datasheet(PDF) 98 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 98 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 94Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 95Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 96Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 97Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 98Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 99Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 100Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 101Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 102Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 138 page
background image
6.2
SPI (1S-1S-8S) transaction table (HL256T and HS256T only)
6.3
SPI (1S-8S-8S) transaction table (HL256T and HS256T only)
Table 76
SPI (1S-1S-8S) transaction table
Function
Transaction
name
Description
Prerequisite
transaction
Byte1
(Hex)
Byte 2
(Hex)
Byte 3
(Hex)
Byte 4
(Hex)
Byte 5
(Hex)
Byte6
(Hex)
Byte7
(Hex)
Byte8
(Hex)
Byte 9
(Hex)
Transaction
format
Max
frequency
(MHz)
Address
length
Read flash
array
RDAY3_4_0
Read transaction reads out the memory contents at the
given address with Octal Data output. The maximum CK
frequency for this transaction is 166MHz frequency.
-
7C
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
---
-
Figure 15
166
4
Program
flash array
PRPG1_C_1
Program Page programs 256B or 512B data to the memory
array in one transaction with Octal Data input.
WRENB_0_0
82
(CMD)
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
Input
Data 1
[7:0]
Input
Data2
[7:0]
Input
Data
3[7:0]
(Conti
nue)
-
Figure 16
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
Input
Data1
[7:0]
Input
Data2
[7:0]
(Conti
nue)
-
PRPG1_4_1
Program Page programs 256B or 512B data to the memory
array in one transaction with Octal Data input.
84
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
Input
Data1
[7:0]
Input
Data2
[7:0]
(Conti
nue)
-
Table 77
SPI (1S-8S-8S) transaction table
Function
Transaction
name
Description
Prerequisite
transaction
Byte1
(Hex)
Byte 2
(Hex)
Byte 3
(Hex)
Byte 4
(Hex)
Byte 5
(Hex)
Byte6
(Hex)
Byte7
(Hex)
Byte8
(Hex)
Byte 9
(Hex)
Transaction
format
Max
frequency
(MHz)
Address
length
Program
flash array
PRPG2_4_1
Program Page programs 256B or 512B data to the memory
array in one transaction with Octal Address and Data input.
WRENB_0_0
8E
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
Input
Data1
[7:0]
Input
Data2
[7:0]
(Conti
nue)
-
Figure 17
166
4
PRPG3_C_1
C2
(CMD)
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
Input
Data 1
[7:0]
Input
Data2
[7:0]
Input
Data
3[7:0]
(Conti
nue)
-3
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
Input
Data1
[7:0]
Input
Data2
[7:0]
(Conti
nue)
-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com