Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28HS01GTAM03 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 2 Page - Infineon Technologies AG

  28HS01GTAM03 Datasheet HTML 1Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 2Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 3Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 4Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 5Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 6Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 7Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 8Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 138 page
background image
Datasheet
2 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Performance summary
-1Gb devices
• Min. 2,560,000 program-erase cycles for the main array
-All devices
• Min. 300,000 program-erase cycles for the 4KB sectors
• Minimum 25 years data retention
• Supply voltage
- 1.7V to 2.0V (HS-T)
- 2.7V to 3.6V (HL-T)
• Grade / temperature range
- Industrial (40°C to +85°C)
- Industrial plus (40°C to +105°C)
- Automotive AEC-Q100 grade 3 (40°C to +85°C)
- Automotive AEC-Q100 grade 2 (40°C to +105°C)
- Automotive AEC-Q100 grade 1 (40°C to +125°C)
•Packages
- 256Mb and 512Mb: 24-ball BGA 6  8 mm
- 1Gb: 24-ball BGA 8  8 mm
Performance summary
Maximum read rates
Transaction
Initial access latency (Cycles)
Clock rate (MHz)
MBps
SPI Read
0
50
6.25
SPI Read Fast
10
166
20.75
Octal Read SDR (HS-T)
16
200
200
Octal Read SDR (HL-T)
14
166
166
Octal Read DDR (HS-T)
23
200
400
Octal Read DDR (HL-T)
20
166
332
Typical Program and Erase rates
Operation
KBps
256B Page Programming (4KB Sector / 256KB Sector)
595 / 533
512B Page Programming (4KB Sector / 256KB Sector)
753 / 898
256KB Sector Erase
331
4KB Sector Erase
95
Typical current consumption
Operation
HL-T current (mA)
HS-T current (mA)
SDR Read 50MHz
10
10
SDR Read (Octal)
75 (166MHz)
156 (200MHz)
DDR Read (Octal)
75 (166MHz)
156 (200MHz)
Program
50
50
Erase
50
50
Standby
0.014
0.011
Deep Power Down
0.0022
0.0013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com