Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28HS01GTAM03 Datasheet(PDF) 92 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 92 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 88Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 89Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 90Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 91Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 92Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 93Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 94Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 95Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 96Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 138 page
background image
Datasheet
92 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Registers
5.23
INT# pin status register (INSV) - Octal Only
The INT# Pin Status Register (INSV) indicates which internal event(s) has occurred since the last time the ISR was
cleared.
5.24
Infineon® Endurance Flex architecture selection register (EFXx)
The Infineon® Endurance Flex architecture Selection registers (EFXx) define the long retention / high endurance
regions based on a four pointer based architecture.
Table 69
Interrupt status register
Bit
number
Name
Function
Read/Write
N = Nonvolatile
V = Volatile
Factory default
(binary)
Description
INSV[7:5]
RESRVD
Reserved for Future
Use
V -> R/W
111
These bits are Reserved for future use. This bit must always be
written/loaded to its default state.
INSV[4]
REYBSY
Ready/Busy
Transition
V -> R/W
1
Description: The REYBSY bit indicates whether the device's
ready/busy status has caused a transition on INT#.
Selection Options:
0 = A Busy to Ready transition has occurred
1 = A Busy to Ready transition has not occurred
Dependency: N/A
INSV[3:2]
RESRVD
Reserved for Future
Use
V -> R/W
11
These bits are Reserved for future use. This bit must always be
written/loaded to its default state.
INSV[1]
ECC2BT
ECC 2-bit Error
Detection
V -> R/W
1
Description: The ECC2BT bit indicates whether a 2-bit ECC
detection error has caused a transition on INT#.
Selection Options:
0 = 2-bit error detection has occurred
1 = 2-bit error detection has not occurred
Dependency: N/A
INSV[0]
ECC1BT
ECC 1-bit Error
Detection and
Correction
V -> R/W
1
Description: The ECC1BT bit indicates whether a 1-bit ECC
correction error has caused a transition on INT#.
Selection Options:
0 = 1-bit error correction has occurred
1 = 1-bit error correction has not occurred
Dependency: N/A
Table 70
Infineon® Endurance Flex architecture selection register (pointer 4)
Bit
number
Name
Function
Read/Write
N = Nonvolatile
V = Volatile
Factory default
(binary)
Description
EFX4O[10:2] EPTAD4[8:0]
Endurance Flex
Pointer 4 Address
Selection
N -> R/1
111111111
Description: The EPTAD4[8:0] bits define the 9-bit address of
the beginning sector from where the long retention / high
endurance region is defined.
Selection Options: Pointer Address
Dependency: N/A
EFX4O[1]
ERGNT4
Endurance Flex
Pointer 4 based
Region Type
Selection
N -> R/1
1
Description: The ERGNT4 bit defines whether the region is long
retention or high endurance.
Selection Options:
0 = Long Retention Sectors
1 = High Endurance Sectors
Dependency: N/A
EFX4O[0]
EPTEB4
Endurance Flex
Pointer 4 Enable#
Selection
N -> R/1
1
Description: The EPTEN4 bit define whether the wear leveling
pointer is enabled/disabled.
Selection Options:
0 = Pointer Address Enabled
1 = Pointer Address Disabled
Dependency: N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com