Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28HS01GTAM03 Datasheet(PDF) 51 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 51 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 47Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 48Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 49Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 50Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 51Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 52Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 53Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 54Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 55Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 138 page
background image
Datasheet
51 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.6.1.1
Host polling behavior
The host will need to go through a Status Register polling sequence to determine if an initialization failure has
occurred in the device. The flowchart for the sequence is shown in Figure 52.
Figure 52
Host polling sequence for microcontroller initialization failure detection
Note The polling sequence must start from the higher I/O interface configuration to lower I/O interface configu-
ration only. For example, 8D-8D-8D to 1S-1S-1S.
Notes
18. If you have Vcc within specifications and a hardware reset does not resolve the issue, replace the flash device.
19. As soon as first Write Any Register transaction updates the Nonvolatile Status Register or Configuration Register, all remaining nonvolatile status and
configuration registers go back to the predefined state (STR1N = 0x00, CFR1N = 0x00, CFR2N = 0x00, CFR3N = 0x00, CFR4N = 0x00, CFR5N = 0x40). It is
recommended to initiate SafeBoot recovery operation by configuring the Address byte length and latency followed by rest configurations.
Power-Up
Read Status Register 1
(Current Communication
Protocol)
Status Register 1
= 0x00?
&
Any Read Identification Transaction =
Successful
Device
Ready
Yes
Change Host Interface to
SDR SPI
(1S-1S-1S)
No
Read Status Register 1
Hardware Reset
Clear Status Register 1
Device
Ready
Change Host Interface to
Default
Flash Configuration
Corruption Detected
Flash Microcontroller
Initialization Failure
Detected
Status Register 1 = 0x41
Status Register 1 = 0x61
Configure the Device by
Updating All Nonvolatile
Registers
Power-Up
Read Status Register 1
(Current Communication
Protocol)
Status Register 1
= 0x00?
&
Any Read Identification Transaction =
Successful
Device
Ready
Yes
Change Host Interface to
SDR SPI
(1S-1S-1S)
No
Read Status Register 1
Hardware Reset
Clear Status Register 1
Device
Ready
Change Host Interface to
Default
Flash Configuration
Corruption Detected
Flash Microcontroller
Initialization Failure
Detected
Status Register 1 = 0x41
Status Register 1 = 0x61
Configure the Device by
Updating All Nonvolatile
Registers
[18]
[19]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com