Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28HS01GTAM03 Datasheet(PDF) 80 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 80 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 76Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 77Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 78Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 79Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 80Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 81Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 82Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 83Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 84Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 138 page
background image
Datasheet
80 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Registers
5.5
Configuration register 2 (CFR2x)
Configuration Register 2 controls memory read latency and address byte length selection.
Table 46
4KB parameter sector location selection
SP4KBS
TB4KBS
4KB location
0
0
4KB physical sectors at bottom (Low address)
0
1
4KB physical sectors at top, (High address)
1
X
4KB Parameter sectors are split between top (High Address) and bottom (Low Address)
Table 47
PLPROT and TLPROT protection
PLPROT
TLPROT
Array protection and 4K sector
0
0
Unprotected (Unlocked)
1
X
TBPROT, LBPROTx, SP4KBS, TB4KBS - Permanently Protected (Locked)
0
1
TBPROT, LBPROTx, SP4KBS, TB4KBS - Protected (Locked) till next Power-down
Table 48
Configuration register 2
Bit
number
Name
Function
Read/Write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
CFR2N[7]
CFR2V[7]
ADRBYT
Address Byte Length
selection between 3 or 4
bytes for Instructions
N -> R/W
V -> R/W
0
Description:
The ADRBYT bit controls the expected address length for all
instructions that require address and is selectable between 3
Bytes or 4 Bytes.
Selection Options:
0 = Instructions will use 3 Bytes for address
1 = Instructions will use 4 Bytes for address
Dependency: N/A
CFR2N[6:4]
CFR2V[6:4]
RESRVD
Reserved for Future Use
N -> R/W
V -> R/W
000
These bits are Reserved for future use. This bit must always be
written/loaded to its default state.
CFR2N[3:0]
CFR2V[3:0] MEMLAT[3:0]
Memory Array Read
Latency selection -
Dummy cycles required
for initial data access
N -> R/W
V -> R/W
1000
Description: The MEMLAT[3:0] bits control the read latency
(dummy cycles) delay in all variable latency memory array and
nonvolatile register read transactions. MEMLAT selection allows
the user to adjust the read latency during normal operation based
on different operating frequencies.
Selection Options:
0000 = 0/5 Latency Cycles Selection based on transaction
opcodes
…..
1111 = 15/28 Latency Cycles Selection based on transaction
opcodes
Dependency: N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com