Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28HS01GTAM03 Datasheet(PDF) 97 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 97 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 93Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 94Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 95Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 96Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 97Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 98Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 99Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 100Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 101Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 138 page
background image
Advanced
sector
protection
RDDYB_4_0
Read Dynamic Protection Bit transaction
reads the contents of the DYB Access
Register.
-
E0
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
--
-
-
Figure 12
166
4
WRDYB_4_1
Write Dynamic Protection Bit transaction
writes to the DYB Access Register.
WRENB_0_0
E1
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
Input
Data
[7:0]
--
-
Figure 9
RDPPB_4_0
Read Persistent Protection Bit transaction
reads the contents of the PPB Access
Register.
-
E2
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
--
-
-
Figure 12
PRPPB_4_0
Program Persistent Protection Bit
transaction programs / writes the PPB
Register to enable the sector protection.
WRENB_0_0
E3
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
--
-
-
Figure 7
ERPPB_0_0
Erase Persistent Protection Bit
transaction sets all persistent protection
bits to 1.
WRENB_0_0
E4
(CMD)
--
-
-
-
-
-
-
Figure 6
N/A
WRPLB_0_0
Write PPB Protection Lock Bit transaction
clears the PPB Lock to 0.
WRENB_0_0
A6
(CMD)
--
-
-
-
-
-
-
RDPLB_0_0
Read Password Protection Mode Lock Bit
transaction shifts out the 8-bit PPB Lock
Register contents with MSb first.
-
A7
(CMD)
--
-
-
-
-
-
-
Figure 11
PWDUL_0_1
Password Unlock transaction sends the
64-bit password to flash device. If the
supplied password does not match the
hidden password in the Password Register,
the device is locked and only a hardware
reset or POR will return the device to
standby state, ready for new transactions
such as a retry of the PWDUL_0_1. If the
password does match, the PPB Lock bit is
set to 1.
-
E9
(CMD)
Passwor
d [7:0]
Passwo
rd [15:8]
Passwo
rd
[23:16]
Passwo
rd
[31:24]
Passwo
rd
[39:32]
Passwo
rd
[47:40]
Passwor
d [55:48]
Passwor
d [63:56]
Figure 10
Reset
SRSTE_0_0
Software Reset Enable command is
required immediately before a SFRST_0_0
transaction.
-
66
(CMD)
--
-
-
-
-
-
-
Figure 6
N/A
SFRST_0_0
Software Reset transaction restores the
device to its initial power up state, by
reloading volatile registers from nonvolatile
default values.
SRSTE_0_0
99
(CMD)
--
-
-
-
-
-
-
Deep power
down
ENDPD_0_0
Enter Deep Power Down Mode transaction
shifts device in the lowest power
consumption mode.
-
B9
(CMD)
--
-
-
-
-
-
-
Table 75
SPI (1S-1S-1S) transaction table (Continued)
Function
Transaction
name
Description
Prerequisite
transaction
Byte 1
(Hex)
Byte 2
(Hex)
Byte 3
(Hex)
Byte 4
(Hex)
Byte 5
(Hex)
Byte 6
(Hex)
Byte 7
(Hex)
Byte 8
(Hex)
Byte 9
(Hex)
Transaction
format
Max
frequency
(MHz)
Address
length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com