Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9161BBCZ Datasheet(PDF) 56 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 52Page - Analog Devices AD9161BBCZ Datasheet HTML 53Page - Analog Devices AD9161BBCZ Datasheet HTML 54Page - Analog Devices AD9161BBCZ Datasheet HTML 55Page - Analog Devices AD9161BBCZ Datasheet HTML 56Page - Analog Devices AD9161BBCZ Datasheet HTML 57Page - Analog Devices AD9161BBCZ Datasheet HTML 58Page - Analog Devices AD9161BBCZ Datasheet HTML 59Page - Analog Devices AD9161BBCZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 56 of 56
3.
Because the PCLK Rate = ByteRate/4 as described in the
Clock Relationships section, the transmitter delays in
PCLK cycles are calculated as follows:
TxFixed = 54/4 = 13.5 PCLK cycles
TxVar = 4/4 = 1 PCLK cycle
4.
Calculate MinDelayLane as follows:
MinDelayLane = floor(RxFixed + TxFixed + PCBFixed)
= floor(12 + 13.5 + 0)
= floor(25.5)
MinDelayLane = 25
5.
Calculate MaxDelayLane as follows:
MaxDelayLane = ceiling(RxFixed + RxVar + TxFixed +
TxVar + PCBFixed))
= ceiling(12 + 2 + 13.5 + 1 + 0)
= ceiling(28.5)
MaxDelayLane = 29
6.
Calculate LMFCVar as follows:
LMFCVar = (MaxDelay + 1) − (MinDelay − 1)
= (29 + 1) − (25 − 1) = 30 − 24
LMFCVar = 6 PCLK cycles
7.
Calculate LMFCDel as follows:
LMFCDel = (MinDelay − 1) % (K/PClockFactor)
= (30 − 1) % (32/2)
= 29 % 16
LMFCDel = 13 PCLK cycles
8.
Write LMFCDel to Register 0x304 for all devices in the
system. Write LMFCVar to Register 0x306 for all devices in
the system.
Link Delay Setup Example, Without Known Delay
If the system delays are not known, the AD9161/AD9162 can
read back the link latency between LMFCRX for each link and
the SYSREF± aligned LMFC. This information is then used to
calculate LMFCVar and LMFCDel.
Figure 159 shows how DYN_LINK_LATENCY_0 (Register 0x302)
provides a readback showing the delay (in PCLK cycles)
between LMFCRX and the transition from ILAS to the first data
sample. By repeatedly power cycling and taking this measurement,
the minimum and maximum delays across power cycles can be
determined and used to calculate LMFCVar and LMFCDel.
In Figure 159, for Link A, Link B, and Link C, the system
containing the AD9161/AD9162 (including the transmitter) is
power cycled and configured 20 times. The AD9161/AD9162
are configured as described in the Sync Procedure section.
Because the purpose of this exercise is to determine LMFCDel
and LMFCVar, the LMFCDel value is programmed to 0 and the
DYN_LINK_LATENCY_0 value is read from Register 0x302.
The variation in the link latency over the 20 runs is shown in
Figure 159, described as follows:
Link A gives readbacks of 6, 7, 0, and 1. Note that the set of
recorded delay values rolls over the edge of a multiframe at
the boundary of K/PCLK Factor = 8. Add the number of
PCLK cycles per multiframe = 8 to the readback values of 0
and 1 because they rolled over the edge of the multiframe.
Delay values range from 6 to 9.
Link B gives delay values from 5 to 7.
Link C gives delay values from 4 to 7.
FRAME CLOCK
LMFC
PCLK
DATA
DATA AT Tx FRAMER
ILAS
LMFCRX
TOTAL FIXED LATENCY = 30 PCLK CYCLES
LMFC DELAY = 26 FRAME CLOCK CYCLES
PCB FIXED
DELAY
DATA
ALIGNED LANE DATA
AT Rx DEFRAMER OUTPUT
ILAS
TOTAL VARIABLE
LATENCY = 4
PCLK CYCLES
Tx VAR
DELAY
Rx VAR
DELAY
Figure 157. LMFC Delay Calculation Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com