Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9161BBCZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 7Page - Analog Devices AD9161BBCZ Datasheet HTML 8Page - Analog Devices AD9161BBCZ Datasheet HTML 9Page - Analog Devices AD9161BBCZ Datasheet HTML 10Page - Analog Devices AD9161BBCZ Datasheet HTML 11Page - Analog Devices AD9161BBCZ Datasheet HTML 12Page - Analog Devices AD9161BBCZ Datasheet HTML 13Page - Analog Devices AD9161BBCZ Datasheet HTML 14Page - Analog Devices AD9161BBCZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 11 of 144
AC SPECIFICATIONS
VDD25_DAC = 2.5 V, VDD12A = VDD12_CLK = 1.2 V, VNEG_N1P2 = −1.2 V, DVDD = 1.2 V, IOVDD = 2.5 V, VDD_1P2 =
DVDD_1P2 = PLL_LDO_VDD12 = 1.2 V, SYNC_VDD_3P3 = 3.3 V, IOUTFS = 40 mA, TA = +25°C.
Table 9. AD9161 Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE (SFDR)1
With Marki Microwave BAL-0006SMG2
Single Tone, fDAC = 5000 MSPS
fOUT = 70 MHz
−82
dBc
fOUT = 500 MHz
−75
dBc
fOUT = 1000 MHz
−65
dBc
fOUT = 2000 MHz
−70
dBc
fOUT = 4000 MHz
FIR85 enabled
−55
dBc
Single Tone, fDAC = 5000 MSPS
−6 dBFS, shuffle enabled
fOUT = 70 MHz
−75
dBc
fOUT = 500 MHz
−75
dBc
fOUT = 1000 MHz
−70
dBc
fOUT = 2000 MHz
−75
dBc
fOUT = 4000 MHz
FIR85 enabled
−50
dBc
Data Over Cable Service Interface Specification (DOCSIS)
fDAC = 3076 MSPS
fOUT = 70 MHz
Single carrier
−70
dBc
fOUT = 70 MHz
Four carriers
−68
dBc
fOUT = 70 MHz
Eight carriers
−65
dBc
fOUT = 950 MHz
Single carriers
−70
dBc
fOUT = 950 MHz
Four carriers
−68
dBc
fOUT = 950 MHz
Eight carriers
−64
dBc
ADJACENT CHANNEL POWER
fDAC = 5000 MSPS
fOUT = 877 MHz
One carrier, first adjacent channel
−76
dBc
fOUT = 877 MHz
Two carriers, first adjacent channel
−75
dBc
INTERMODULATION DISTORTION
fDAC = 5000 MSPS, two-tone test
fOUT = 900 MHz
0 dBFS
−75
dBc
fOUT = 900 MHz
−6 dBFS, shuffle enabled
−80
dBc
fOUT = 1800 MHz
0 dBFS
−71
dBc
fOUT = 1800 MHz
−6 dBFS, shuffle enabled
−75
dBc
NOISE SPECTRAL DENSITY (NSD)
Single Tone, fDAC = 5000 MSPS
fOUT = 550 MHz
−157
dBm/Hz
fOUT = 960 MHz
−155
dBm/Hz
fOUT = 1990 MHz
−155
dBm/Hz
1
See the Clock Input section for more details on optimizing SFDR and reducing the image of the fundamental with clock input tuning.
2
The Marki Microwave BAL-0006SMG is used on the AD9162-FMC-EBZ evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com