Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9161BBCZ Datasheet(PDF) 75 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 75 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 71Page - Analog Devices AD9161BBCZ Datasheet HTML 72Page - Analog Devices AD9161BBCZ Datasheet HTML 73Page - Analog Devices AD9161BBCZ Datasheet HTML 74Page - Analog Devices AD9161BBCZ Datasheet HTML 75Page - Analog Devices AD9161BBCZ Datasheet HTML 76Page - Analog Devices AD9161BBCZ Datasheet HTML 77Page - Analog Devices AD9161BBCZ Datasheet HTML 78Page - Analog Devices AD9161BBCZ Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 75 of 75
Insertion Loss
The JESD204B specification limits the amount of insertion loss
allowed in the transmission channel (see Figure 147). The
AD9161/AD9162 equalization circuitry allows significantly more
loss in the channel than is required by the JESD204B specification.
It is still important that the designer of the PCB minimize the
amount of insertion loss by adhering to the following
guidelines:
Keep the differential traces short by placing the
AD9161/AD9162 as near the transmitting logic device as
possible and routing the trace as directly as possible between
the devices.
Route the differential pairs on a single plane using a solid
ground plane as a reference. It is recommended to route the
SERDES lanes on the same layer as the AD9161/AD9162 to
avoid vias being used in the SERDES lanes.
Use a PCB material with a low dielectric constant (<4) to
minimize loss, if possible.
When choosing between the stripline and microstrip techniques,
keep in mind the following considerations: stripline has less loss
(see Figure 148 and Figure 149) and emits less EMI, but
requires the use of vias that can add complexity to the task of
controlling the impedance; whereas microstrip is easier to
implement (if the component placement and density allow
routing on the top layer) and eases the task of controlling the
impedance.
If using the top layer of the PCB is problematic or the advantages
of stripline are desirable, follow these recommendations:
Minimize the number of vias.
If possible, use blind vias to eliminate via stub effects and
use microvias to minimize via inductance.
If using standard vias, use the maximum via length to
minimize the stub size. For example, on an 8-layer board,
use Layer 7 for the stripline pair (see Figure 176).
For each via pair, place a pair of ground vias adjacent to them
to minimize the impedance discontinuity (see Figure 176).
LAYER 1
LAYER 2
LAYER 3
LAYER 4
LAYER 5
LAYER 6
LAYER 7
LAYER 8
MINIMIZE STUB EFFECT
GND
GND
DIFF–
DIFF+
y
y
y
ADD GROUND VIAS
STANDARD VIA
Figure 176. Minimizing Stub Effect and Adding Ground Vias for Differential
Stripline Traces
Return Loss
The JESD204B specification limits the amount of return loss
allowed in a converter device and a logic device, but does not
specify return loss for the channel. However, every effort must
be made to maintain a continuous impedance on the transmis-
sion line between the transmitting logic device and the AD9161/
AD9162. Minimizing the use of vias, or eliminating them all
together, reduces one of the primary sources for impedance
mismatches on a transmission line (see the Insertion Loss section).
Maintain a solid reference beneath (for microstrip) or above
and below (for stripline) the differential traces to ensure continuity
in the impedance of the transmission line. If the stripline tech-
nique is used, follow the guidelines listed in the Insertion Loss
section to minimize impedance mismatches and stub effects.
Another primary source for impedance mismatch is at either
end of the transmission line, where care must be taken to match
the impedance of the termination to that of the transmission
line. The AD9161/AD9162 handle this internally with a cali-
brated termination scheme for the receiving end of the line. See
the Interface Power-Up and Input Termination section for details
on this circuit and the calibration routine.
Signal Skew
There are many sources for signal skew, but the two sources to
consider when laying out a PCB are interconnect skew within a
single JESD204B link and skew between multiple JESD204B
links. In each case, keeping the channel lengths matched to
within 12.5 mm is adequate for operating the JESD204B link at
speeds of up to 12.5 Gbps. This amount of channel length
match is equivalent to about 85% UI on the AD9161/AD9162
evaluation board. Managing the interconnect skew within a
single link is fairly straightforward. Managing multiple links
across multiple devices is more complex. However, follow the
12.5 mm guideline for length matching. The AD9161/AD9162
can handle more skew than the 85% UI due to the 6 PCLK
buffer in the JESD204B receiver, but matching the channel
lengths as close as possible is still recommended.
Topology
Structure the differential SERDINx± pairs to achieve 50 Ω to
ground for each half of the pair. Stripline vs. microstrip trade-
offs are described in the Insertion Loss section. In either case, it
is important to keep these transmission lines separated from
potential noise sources such as high speed digital signals and
noisy supplies. If using stripline differential traces, route them
using a coplanar method, with both traces on the same layer.
Although this method does not offer more noise immunity than
the broadside routing method (traces routed on adjacent
layers), it is easier to route and manufacture so that the
impedance continuity is maintained. An illustration of
broadside vs. coplanar is shown in Figure 177.
Tx DIFF A
Tx
DIFF A
Tx
DIFF B
Tx
ACTIVE
Tx DIFF B
Tx ACTIVE
BROADSIDE DIFFERENTIAL Tx LINES
COPLANAR DIFFERENTIAL Tx LINES
Figure 177. Broadside vs. Coplanar Differential Stripline Routing Techniques



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com