Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9161BBCZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 11Page - Analog Devices AD9161BBCZ Datasheet HTML 12Page - Analog Devices AD9161BBCZ Datasheet HTML 13Page - Analog Devices AD9161BBCZ Datasheet HTML 14Page - Analog Devices AD9161BBCZ Datasheet HTML 15Page - Analog Devices AD9161BBCZ Datasheet HTML 16Page - Analog Devices AD9161BBCZ Datasheet HTML 17Page - Analog Devices AD9161BBCZ Datasheet HTML 18Page - Analog Devices AD9161BBCZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 15 of 144
Pin No.
Mnemonic
Description
G6, G7, G9, G10
VDD12_DCD/DLL
1.2 V Digital Supply Voltage.
G15
CS
Serial Port Chip Select Bar (Active Low) Input. CMOS
levels on this pin are determined with respect to
IOVDD.
H14
SDO
Serial Port Data Output. CMOS levels on this pin are
determined with respect to IOVDD.
J13
SCLK
Serial Port Data Clock. CMOS levels on this pin are
determined with respect to IOVDD.
K13
SDIO
Serial Port Data Input/Output. CMOS levels on this pin
are determined with respect to IOVDD.
J3
RESET
Reset Bar (Active Low) Input. CMOS levels on this pin
are determined with respect to IOVDD.
H2
TX_ENABLE
Transmit Enable Input. This pin can be used instead of
the DAC output bias power down bits in Register 0x040,
Bits [1:0] to enable the DAC output. CMOS levels are
determined with respect to IOVDD.
P5, P11
DNC
Do Not Connect. Do not connect to these pins.
J2, J14, K2, K14, M2, M14, N2, N14, P3, P4, P6, P7, P9, P10,
P12, P13
VDD_1P2
1.2 V SERDES Digital Supply.
K3
IOVDD
Supply Voltage for CMOS Input/Output and SPI.
Operational for 1.8 V to 3.3 V plus tolerance (see Table 1
for details).
K6, K7, K8, K9, K10
DVDD
1.2 V Digital Supply Voltage.
L3, L13
DVDD_1P2
1.2 V SERDES Digital Supply Voltage.
M3, M13
VTT_1P2
1.2 V SERDES VTT Digital Supply Voltage.
J1, K1
SERDIN7+,
SERDIN7−
SERDES Lane 7 Positive and Negative Inputs.
M1, N1
SERDIN6+,
SERDIN6−
SERDES Lane 6 Positive and Negative Inputs.
R3, R4
SERDIN5+,
SERDIN5−
SERDES Lane 5 Positive and Negative Inputs.
R6, R7
SERDIN4+,
SERDIN4-
SERDES Lane 4 Positive and Negative Inputs.
R9, R10
SERDIN3−,
SERDIN3+
SERDES Lane 3 Negative and Positive Inputs.
R12, R13
SERDIN2−,
SERDIN2+
SERDES Lane 2 Negative and Positive Inputs.
M15, N15
SERDIN1+,
SERDIN1−
SERDES Lane 1 Positive and Negative Inputs.
J15, K15
SERDIN0+,
SERDIN0−
SERDES Lane 0 Positive and Negative Inputs.
N4, N5
SYSREF+, SYSREF−
System Reference Positive and Negative Inputs. These
pins are self biased for ac coupling. They can be
ac-coupled or dc-coupled.
N8
PLL_CLK_VDD12
1.2 V SERDES Phase-Locked Loop (PLL) Clock Supply
Voltage.
N9
PLL_LDO_VDD12
1.2 V SERDES PLL Supply.
N11, N12
SYNCOUT−,
SYNCOUT+
Negative and Positive LVDS Sync (Active Low) Output
Signals.
P2, P14
SYNC_VDD_3P3
3.3 V SERDES Sync Supply Voltage.
P8
PLL_LDO_BYPASS
1.2 V SERDES PLL Supply Voltage Bypass.
R1, R15
BIAS_VDD_1P2
1.2 V SERDES Supply Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com