Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9161BBCZ Datasheet(PDF) 67 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 67 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 63Page - Analog Devices AD9161BBCZ Datasheet HTML 64Page - Analog Devices AD9161BBCZ Datasheet HTML 65Page - Analog Devices AD9161BBCZ Datasheet HTML 66Page - Analog Devices AD9161BBCZ Datasheet HTML 67Page - Analog Devices AD9161BBCZ Datasheet HTML 68Page - Analog Devices AD9161BBCZ Datasheet HTML 69Page - Analog Devices AD9161BBCZ Datasheet HTML 70Page - Analog Devices AD9161BBCZ Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 67 of 144
90
20
0
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
30
40
50
60
70
80
40
41
42
43
44
45
BANDWIDTH (%
fDATA)
PASS-BAND RIPPLE
IMAGE REJECTION
Figure 163. Interpolation Filter Performance Beyond Specified Bandwidth for
the 80% Filters
Figure 163 shows the performance of the interpolation filters
beyond 0.4 × fDATA. The ripple increases much slower than the
image rejection decreases. This means that if the application can
tolerate degraded image rejection from the interpolation filters,
more bandwidth can be used.
Most of the filters are specified to 0.45 × fDATA (with pass band).
Figure 164 to Figure 171 show the filter response for each of the
interpolator filters on the AD9161/AD9162.
NORMALIZED FREQUENCY (Rad/Sample)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–140
–120
–100
–80
–60
–40
–20
0
20
Figure 164. First 2× Half-Band 80% Filter Response
NORMALIZED FREQUENCY (Rad/Sample)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–140
–120
–100
–80
–60
–40
–20
0
20
Figure 165. First 2× Half-Band 90% Filter Response
NORMALIZED FREQUENCY (Rad/Sample)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–160
–140
–120
–100
–80
–60
–40
–20
0
20
Figure 166. 3× Third-Band 80% Filter Response
NORMALIZED FREQUENCY (Rad/Sample)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–160
–140
–120
–100
–80
–60
–40
–20
0
20
Figure 167. 3× Third-Band 90% Filter Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com