Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9161BBCZ Datasheet(PDF) 70 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 70 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 66Page - Analog Devices AD9161BBCZ Datasheet HTML 67Page - Analog Devices AD9161BBCZ Datasheet HTML 68Page - Analog Devices AD9161BBCZ Datasheet HTML 69Page - Analog Devices AD9161BBCZ Datasheet HTML 70Page - Analog Devices AD9161BBCZ Datasheet HTML 71Page - Analog Devices AD9161BBCZ Datasheet HTML 72Page - Analog Devices AD9161BBCZ Datasheet HTML 73Page - Analog Devices AD9161BBCZ Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 70 of 144
Programmable Modulus Example
Consider the case in which fDAC = 2500 MHz and the desired
value of fCARRIER is 250 MHz. This scenario synthesizes an output
frequency that is not a power of two submultiple of the sample
rate, namely fCARRIER = (1/10) fDAC, which is not possible with a
typical accumulator-based DDS. The frequency ratio, fCARRIER/fDAC,
leads directly to M and N, which are determined by reducing
the fraction (250,000,000/2,500,000,000) to its lowest terms, that is,
M/N = 250,000,000/2,500,000,000 = 1/10
Therefore, M = 1 and N = 10.
After calculation, X = 28147497671065, A = 3, and B = 5.
Programming these values into the registers for X, A, and B (X
is programmed in Register 0x114 to Register 0x119, B is
programmed in Register 0x124 to Register 0x129, and A is
programmed in Register 0x12A to Register 0x12F)) causes the
NCO to produce an output frequency of exactly 250 MHz given
a 2500 MHz sampling clock. For more details, refer to the AN-953
Application Note on the Analog Devices, Inc., website.
NCO Reset
Resetting the NCO can be useful when determining the start time
and phase of the NCO. The NCO can be reset by several differ-
ent methods, including a SPI write, using the TX_ENABLE pin,
or by the SYSREF± signal. Due to internal timing variations
from device to device, these methods achieve an accuracy of
±6 DAC clock cycles.
Program Register 0x800, Bits[7:6] to 0b01 to set the NCO in
phase discontinuous switching mode via a write to the SPI port.
Then, any time the frequency tuning word is updated, the NCO
phase accumulator resets and the NCO begins counting at the
new FTW.
Changing the Main NCO Frequency
In the main 48-bit NCO, the mode of updating the frequency
tuning word can be changed from requiring a write to the
FTW_LOAD_REQ bit (Register 0x113, Bit 0) to an automatic
update mode. In the automatic update mode, the FTW is
updated as soon as the chosen FTW word is written.
To set the automatic FTW update mode, write the appropriate
word to the FTW_REQ_MODE bits (Register 0x113, Bits[6:4]),
choosing the particular FTW word that causes the automatic
update. For example, if relatively coarse frequency steps are
needed, it may be sufficient to write a single word to the MSB
byte of the FTW, and therefore the FTW_REQ_MODE bits can
be programmed to 110 (Register 0x113, Bits[6:4] = 0b110).
Then, each time the most significant byte, FTW5, is written, the
NCO FTW is automatically updated.
The FTW_REQ_MODE bits can be configured to use any of the
FTW words as the automatic update trigger word. This configura-
tion provides convenience when choosing the order in which to
program the FTW registers.
The speed of the SPI port write function is guaranteed and is a
minimum of 100 MHz (see Table 4). Thus, the NCO FTW can
be updated in as little as 240 ns with a one register write in
automatic update mode.
The NCO only supports phase noncontinuous mode. In this mode,
the phase accumulator is reset by updating the frequency tuning
word of the NCO, making an instantaneous jump to the new
frequency.
INVERSE SINC
The AD9161/AD9162 provide a digital inverse sinc filter to
compensate the DAC roll-off over frequency. The filter is
enabled by setting the INVSINC_ENABLE bit (Register 0x111,
Bit 7) and is disabled by default.
The inverse sinc (sinc−1) filter is a seven-tap FIR filter. Figure 173
shows the frequency response of sin(x)/x roll-off, the inverse sinc
filter, and the composite response. The composite response has
less than ±0.05 dB pass-band ripple up to a frequency of 0.4 ×
fDACCLK. When 2× NRZ mode is enabled, the inverse sinc filter
operates to 0.4 × f2×DACCLK. To provide the necessary peaking at
the upper end of the pass band, the inverse sinc filter shown has
an intrinsic insertion loss of about 3.8 dB.
1
0
–1
–2
–3
–4
–5
0
0.05 0.10 0.15 0.20
FREQUENCY (×
fDAC)
0.25 0.30 0.35
0.45
0.40
0.50
SIN(x)/x ROLL-OFF
SINC–1 FILTER RESPONSE
COMPOSITE RESPONSE
Figure 173. Responses of Sin(x)/x Roll-Off, the Sinc−1 Filter, and the
Composite of the Two
DOWNSTREAM PROTECTION
The AD9161/AD9162 have several features designed to protect
the power amplifier (PA) of the system, as well as other down-
stream blocks. They consist of a control signal from the LMFC
sync logic and a transmit enable function. The protection mecha-
nism in each case is the blanking of data that is passed to the
DAC decoder. The differences lie in the location in the datapath
and slight variations of functionality.
The JESD204B serial link has several flags and quality measures
to indicate the serial link is up and running error free. If any of
these measures flags an issue, a signal from the LMFC sync logic is
sent to a mux that stops data from flowing to the DAC decoder
and replaces it with 0s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com