Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM90C66 Datasheet(PDF) 22 Page - SMSC Corporation

Part # COM90C66
Description  ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM90C66 Datasheet(HTML) 22 Page - SMSC Corporation

Back Button COM90C66 Datasheet HTML 18Page - SMSC Corporation COM90C66 Datasheet HTML 19Page - SMSC Corporation COM90C66 Datasheet HTML 20Page - SMSC Corporation COM90C66 Datasheet HTML 21Page - SMSC Corporation COM90C66 Datasheet HTML 22Page - SMSC Corporation COM90C66 Datasheet HTML 23Page - SMSC Corporation COM90C66 Datasheet HTML 24Page - SMSC Corporation COM90C66 Datasheet HTML 25Page - SMSC Corporation COM90C66 Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
22
process works.
The IOS2-IOS0 pins are
decoded through a 3 to 12 Decoder to generate
a 12-bit value. These 12 bits are compared to
the A15-A4 lines of the address bus in order to
determine which block of 16 I/O locations will be
used by the chip. A logic "0" on the AEN signal
enables the I/O decoding process. Tables 3 and
4
illustrate
the
COM90C66
register
map.
Reserved locations should not be accessed.
INTERNAL REGISTERS
The
COM90C66
contains
internal
registers
which may be accessed by the microprocessor.
All undefined bits are read as undefined and
must be written as logic "0".
Status Register
The COM90C66 Status Register is an 8-bit
read-only register which can be accessed by the
microprocessor.
All of the bits in this register
(except for bits 5 and 6) are software-compatible
with previous SMSC ARCNET devices.
The
Extended
Timeout
bits
are
now
in
the
Configuration Register.
The Status Register
contents are traditionally defined as in Table 5.
The
Status
Register
contents
are
defined
differently
during
the
Command
Chaining
operation.
Please refer to the "Command
Chaining" section of this document for these
definitions. The Status Register defaults to the
value 1XX1 0001 upon either hardware or
software reset.
Interrupt Mask Register (IMR)
The COM90C66 is capable of generating an
interrupt signal when certain status bits become
true. A write to the IMR specifies which status
bits will be enabled to generate the interrupt.
The bit positions in the IMR are in the same
position as their corresponding status bits in the
Status Register, and a logic "1" in a particular
position enables the corresponding interrupt.
While the Receiver Inhibited, Reconfiguration,
and
Transmitter
Available
status
bits
are
capable of generating an interrupt if enabled, the
TMA status bit will never cause an interrupt.
The IMR takes on the following bit definition:
BIT
7
BIT
6
BIT
5
BIT
4
BIT
3
BIT 2
BIT
1
BIT
0
RI
X
X
X
X
RE-
CON
X
TA
The three maskable status bits are ANDed with
their respective mask bits, and the results are
ORed to produce the processor interrupt signal
INTR. An RI or TA interrupt is masked when the
corresponding mask bit is reset to logic "0", but
will reappear when the corresponding mask bit
is set to logic "1" again, unless the interrupt
status condition has been cleared by this time.
A RECON interrupt is cleared when the CLEAR
FLAGS command is issued. The Interrupt Mask
Register defaults to the value 0000 0000 upon
either hardware or software reset.
Diagnostic Status Register
The Diagnostic Status Register contains three
read-only bits which give the user the ability to
troubleshoot network or node operation.
The
various combinations of these bits and the
Transmitter Off bit of the Configuration Register
represent different situations and can be used
during troubleshooting. These bits are reset to
logic "0" upon reading the Diagnostic Status
Register or upon software or hardware reset.
The register contents are as in Table 6.
The
Diagnostic Status Register defaults to the value
0X00 XXXX upon either hardware or software
reset.
Command Register
Execution
of
commands
are
initiated
by
performing a processor I/O write with the written
data defining the commands listed in Table 7.
Any combinations of written data other than
those listed in Table 7 are not permitted and
may result in incorrect chip and/or network
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com