Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM90C66 Datasheet(PDF) 47 Page - SMSC Corporation

Part # COM90C66
Description  ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM90C66 Datasheet(HTML) 47 Page - SMSC Corporation

Back Button COM90C66 Datasheet HTML 43Page - SMSC Corporation COM90C66 Datasheet HTML 44Page - SMSC Corporation COM90C66 Datasheet HTML 45Page - SMSC Corporation COM90C66 Datasheet HTML 46Page - SMSC Corporation COM90C66 Datasheet HTML 47Page - SMSC Corporation COM90C66 Datasheet HTML 48Page - SMSC Corporation COM90C66 Datasheet HTML 49Page - SMSC Corporation COM90C66 Datasheet HTML 50Page - SMSC Corporation COM90C66 Datasheet HTML 51Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 76 page
background image
47
DC ELECTRICAL CHARACTERISTICS (TA = 0
o
C to 70
o
C, VCC = 5.0V ± 5%)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNITS
COMMENTS
Low to High Threshold
Input Voltage (RESET,
AEN, nIOR, nIOW,
nMEMR, nMEMW)
High to Low Threshold
Input Voltage (RESET,
AEN, nIOR, nIOW,
nMEMR, nMEMW)
VILH
VIHL
1.8
1.2
V
V
Schmitt Trigger,
All Values at
VDD = 5V
Low Output Voltage 1
(nPULSE1, nPULSE2,
nTOPL, nTOPH
nPROM,
CLK, CACLK)
High Output Voltage 1
n(PULSE1, nPULSE2,
nTOPL, nTOPH,
nPROM,
CLK, CACLK)
VOL1
VOH1
2.4
O.4
V
V
ISINK = 4mA
ISOURCE = -2mA
Low Output Voltage 2
(D0-D15)
High Output Voltage 2
(D0-D15)
VOL2
VOH2
2.4
0.4
V
V
ISINK = 16mA
ISOURCE = -12mA
Low Output Voltage 3
(INTR)
High Output Voltage 3
(INTR)
VOL3
VOH3
2.4
0.8
V
V
ISINK = 24mA
ISOURCE = -10mA
Low Output Voltage 4
(IOCHRDY, n0WS,
nMEMCS16, nIOCS16)
VOL4
0.5
V
ISINK = 24mA
Open Drain
Driversn
Low Output Voltage 5
(nTXLED, nBSLED)
VOL5
0.4
V
ISINK = 12mA
VCC Supply Current
ICC1
20.0
mA
Input Pull-Up Current
Input Leakage Current
IP
IL
-10.0
60
+10.0
µA
µA
VIN = 0 to VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com