Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM90C66 Datasheet(PDF) 67 Page - SMSC Corporation

Part # COM90C66
Description  ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM90C66 Datasheet(HTML) 67 Page - SMSC Corporation

Back Button COM90C66 Datasheet HTML 63Page - SMSC Corporation COM90C66 Datasheet HTML 64Page - SMSC Corporation COM90C66 Datasheet HTML 65Page - SMSC Corporation COM90C66 Datasheet HTML 66Page - SMSC Corporation COM90C66 Datasheet HTML 67Page - SMSC Corporation COM90C66 Datasheet HTML 68Page - SMSC Corporation COM90C66 Datasheet HTML 69Page - SMSC Corporation COM90C66 Datasheet HTML 70Page - SMSC Corporation COM90C66 Datasheet HTML 71Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 76 page
background image
67
PAGE
SECTION/FIGURE/ENTRY
CORRECTION
3
Description of Pin Functions, Pin 53
In Revision D, The nENROM signal does not
affect the timing of IOCHRDY.
26
Configuration Register, Bit 2
For Revision D, the second sentence in the
Description should read "A logic '1' on this bit
negates the IOCHRDY signal for at least two
XTAL1 clocks, creating one wait state".
37,40
Wait State Details section;
Table 13 - IOCHRDY and n0WS
Signal Behavior
For Revision D, the fourth paragraph under Wait
State Details should convey that the IOCHRDY
signal, when used, is always negated for at least
two XTAL1 clocks.
There should be no
distinction made between RAM, internal register,
PROM, and external register cycles. All cycles
will negate IOCHRDY for at least two XTAL1
clocks if IOCHRDY is used. The entry in Table
13 which correlates to the IOCHRDY signal
when the Wait State Bit=1 should read "Negated
for Two to Three XTAL1 Clocks".
48
Figure 14 - Zero Wait State and
IOCHRDY Timing
For Revision D, the timing parameter for t5
should be a minimum of 100 nsec, and a
maximum of 165 nsec.
3
Description of Pin Functions - Pin 74
For Revision D, the BALE signal is no longer
required to latch the unlatched addresses.
All
addresses are latched by the leading edge of the
nMEMR and nMEMW signals for Revision D.
BALE must be tied high or left disconnected if
the device is placed in 8-bit mode.
4
Description of Pin Functions - Pins
66, 67
For Revision D, the leading edge of these
signals automatically latch addresses.
If the
device is in 8-bit mode, the BALE signal should
be tied high or left disconnected, and the
nMEMR
and
nMEMW
signals
should
be
responsible for latching the unlatched addresses.
15
Figures 4, 5 - Memory Selector,
PROM Selector
For Revision D, Figures 4 and 5 should contain
a second Transparent Latch, controlled by the
Control Signal.
If BALE is tied high or left
disconnected, the address is latched by only the
second latch-stage, which is controlled only by
the nMEMR and nMEMW signals.
If BALE is
connected to the bus, the address is latched by
both the first and second stage latches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com