Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM90C66 Datasheet(PDF) 72 Page - SMSC Corporation

Part # COM90C66
Description  ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM90C66 Datasheet(HTML) 72 Page - SMSC Corporation

Back Button COM90C66 Datasheet HTML 68Page - SMSC Corporation COM90C66 Datasheet HTML 69Page - SMSC Corporation COM90C66 Datasheet HTML 70Page - SMSC Corporation COM90C66 Datasheet HTML 71Page - SMSC Corporation COM90C66 Datasheet HTML 72Page - SMSC Corporation COM90C66 Datasheet HTML 73Page - SMSC Corporation COM90C66 Datasheet HTML 74Page - SMSC Corporation COM90C66 Datasheet HTML 75Page - SMSC Corporation COM90C66 Datasheet HTML 76Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 72 / 76 page
background image
72
FIGURE 16 - WRITE RAM CYCLE
A0-A19
VALID DATA
VALID
t2
t1
t3
BALE
nMEMW
D0-D7
nTOPL
t4
nMEMCS16
nMEMCS16
(Unlatched)
(Latched)
t8
t9
t7
t5
t6
nSBHE
D0-D15
or
**
t2***
30
t1
t2
t3
t4
t5
t6
Parameter
Address, nSBHE Set Up to BALE Low *
Address, nSBHE Hold after BALE Low *
Address, nSBHE Set Up to nMEMW Low
Valid Data Set Up to nMEMW High
min
20
20
25
typ
max units
nS
nS
nS
nS
Data Hold Time from nMEMW High
9
nS
nMEMW High to BALE High (Next Address)
30
nS
A17-A19 to nMEMCS16 Low (Unlatched) (128K RAM Decode)
A11-A19 to nMEMCS16 (Latched) (2K RAM Decode)
0
0
40
25
nS
nS
Address, nSBHE Invalid to nMEMCS16 High
0
nS
t7
t8
t9
For latched addresses, t1 and t2 do not apply. Please refer to Figure 21 for Latched Address
Mode.
200nS minimum inactive time on consecutive memory writes to the COM90C66.
*
**
*** For Revision D devices, if BALE is tied high, then Address, nSBHE must be held for 20 nsec
after nMEMW Low.
Modified Version of Page 51 for Rev. D COM90C66 Only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com