Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM90C66 Datasheet(PDF) 45 Page - SMSC Corporation

Part # COM90C66
Description  ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM90C66 Datasheet(HTML) 45 Page - SMSC Corporation

Back Button COM90C66 Datasheet HTML 41Page - SMSC Corporation COM90C66 Datasheet HTML 42Page - SMSC Corporation COM90C66 Datasheet HTML 43Page - SMSC Corporation COM90C66 Datasheet HTML 44Page - SMSC Corporation COM90C66 Datasheet HTML 45Page - SMSC Corporation COM90C66 Datasheet HTML 46Page - SMSC Corporation COM90C66 Datasheet HTML 47Page - SMSC Corporation COM90C66 Datasheet HTML 48Page - SMSC Corporation COM90C66 Datasheet HTML 49Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
45
OSCILLATOR
The COM90C66 incorporates on-board circuitry
which, in conjunction with an external parallel
resonant crystal, forms an oscillator.
The
oscillator frequency may vary from 8 MHz to 20
MHz to allow for a variable data rate from 1.0
Mbps to 2.5 Mbps.
The COM90C66 crystal oscillator has been
designed to work with a parallel resonant
crystal.
Only two capacitors are needed (one
from each leg of crystal to ground). The values
of the capacitors are two times the lead
capacitance of the crystal.
The COM90C66
contains an internal 1 M
Ω resistor. The external
crystal must have an accuracy of 0.020% or
better.
FIGURE 13 - DIPULSE GENERATION AND RECEIVE WAVEFORM FOR DATA OF 1-1-0
20MHZ
CLOCK
(FOR
REF. ONLY)
nPULSE1
nPULSE2
DIPULSE
RXIN
1
0
100ns
100ns
200ns
400ns
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com