Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM90C66 Datasheet(PDF) 28 Page - SMSC Corporation

Part # COM90C66
Description  ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM90C66 Datasheet(HTML) 28 Page - SMSC Corporation

Back Button COM90C66 Datasheet HTML 24Page - SMSC Corporation COM90C66 Datasheet HTML 25Page - SMSC Corporation COM90C66 Datasheet HTML 26Page - SMSC Corporation COM90C66 Datasheet HTML 27Page - SMSC Corporation COM90C66 Datasheet HTML 28Page - SMSC Corporation COM90C66 Datasheet HTML 29Page - SMSC Corporation COM90C66 Datasheet HTML 30Page - SMSC Corporation COM90C66 Datasheet HTML 31Page - SMSC Corporation COM90C66 Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 76 page
background image
28
Configuration Register
The
Configuration
Register
is
a
read/write
register
which
can
be
accessed
by
the
microprocessor to configure the different modes
of the COM90C66. The register contents are as
in Table 8. The Configuration Register defaults
to the value 0001 1100 upon hardware reset
only.
Memory Select Register
This register contains the decoded bits of the
Memory Select 0-4 switch.
For further details,
refer to the Memory Address Decoding section of
this document, as well as Figure 4 and Table 1.
I/O Select Register
This register contains the decoded bits of the I/O
Select 0-2 switch. For further details, refer to the
I/O Address Decoding section of this document,
as well as Figure 6 and Table 2.
Node ID Register
The Node ID Register contains the values of the
Node ID switches. The microprocessor may read
from the Node ID Register at any time for
diagnostic purposes. In addition, the COM90C66
may be put into a special mode whereby the
microprocessor may write to the Node ID
register, thus software programming the Node
ID.
To enter this special mode, the Node ID
switches must be set to 00H. Note that when the
Node ID switches are set to 00H, the COM90C66
is put into a Disable Transmitter mode and it will
not attempt to join the network. When the device
is in the Disable Transmitter mode, tokens are
not
passed
and
reconfigurations
are
not
generated by the node. The Receiver portion of
the device will provide the user with useful
information about the network.
The device will
not attempt to rejoin the network until a valid
Node ID value is placed into the Node ID
Register. In addition to keeping the device in the
Disable Transmit mode, when the Node ID
switches are set to 00H, the RAM of the
COM90C66
is
kept
hidden
from
the
microprocessor.
The RAM may be enabled by
issuing a software reset, followed by a valid write
to the Node ID Register.
Refer to the System
Reset Logic section for details on resetting the
device in a non-IBM-compatible environment.
The I/O address of the Node ID Register is 05H.
Tables 3 and 4 illustrate the Node ID Register, as
well as the other registers of the COM90C66.
The Node ID Register defaults to the value 0000
0000 upon hardware reset only.
External Register
The optional write only external register may be
used for application-dependent functions. A read
operation at this location will provide invalid data.
Whenever a write to address 07H occurs, the
COM90C66 activates the nPROM signal. In this
case, the nPROM signal is to be used as the
nChip Select signal and the nIOW signal should
be used to write to the external register.
The
external PROM should use the nPROM signal as
nChip Select and the nMEMR signal as nOutput
Enable, as usual.
Reset Register
Any read or write access to I/O offsets 08H, 09H,
0AH, or OBH generates a software reset. These
four I/O locations were preserved for software
compatibility
with
the
COM90C65
ARCNET
Controller.
Refer to the Reset Logic section of
this document for further details.
Data Low and High Registers
These read/write registers are each 8-bits wide
and are used in I/O Mapped Mode only.
The
Data Register contains the byte or word which is
meant to be read from or written to the
address location presently specified by the
address pointer.
The contents of the Data
Registers are undefined upon hardware reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com