Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM90C66 Datasheet(PDF) 34 Page - SMSC Corporation

Part # COM90C66
Description  ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM90C66 Datasheet(HTML) 34 Page - SMSC Corporation

Back Button COM90C66 Datasheet HTML 30Page - SMSC Corporation COM90C66 Datasheet HTML 31Page - SMSC Corporation COM90C66 Datasheet HTML 32Page - SMSC Corporation COM90C66 Datasheet HTML 33Page - SMSC Corporation COM90C66 Datasheet HTML 34Page - SMSC Corporation COM90C66 Datasheet HTML 35Page - SMSC Corporation COM90C66 Datasheet HTML 36Page - SMSC Corporation COM90C66 Datasheet HTML 37Page - SMSC Corporation COM90C66 Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
34
immediately.
Typically, the interrupt service
routine will read the Status Register.
At this
point, the RI bit will be found to be a logic "1".
After reading the Status Register, the CLEAR
RECEIVE INTERRUPT command is issued, thus
resetting the TRI bit and clearing the interrupt.
Note
that
only
the
CLEAR
RECEIVE
INTERRUPT command will clear the TRI bit and
the interrupt. It is not necessary, however, to
clear the bit or the interrupt right away because
the status of the receive operation is double
buffered in order to retain the results of the first
reception
for
analysis
by
the
processor,
therefore, the information will remain in the
Status Register until the CLEAR RECEIVE
INTERRUPT command is issued. Note that the
interrupt will remain active until the CLEAR
RECEIVE INTERRUPT command is issued, and
the second interrupt will not occur until the first
interrupt is acknowledged.
The second reception will occur as soon as a
second packet is sent to the node, as long as the
second
ENABLE
RECEIVE
TO
PAGE
nn
command was issued. The operation is as if a
new ENABLE RECEIVE TO PAGE nn command
has just been issued. A second interrupt will not
occur until the first interrupt is acknowledged by
issuing
the
CLEAR
RECEIVE
INTERRUPT
command. After the first Receive status bits are
cleared, the Status Register will again be
updated with the results of the second reception
and a second interrupt resulting from the second
reception will occur.
A minimum of 200nS
interrupt inactive time interval is guaranteed.
In the COM90C66, the Receive Inhibit (RI) bit of
the Interrupt Mask Register now masks only the
TRI bit of the Status Register, not the RI bit as in
the non-chaining mode. Since the TRI bit is only
set upon reception of a packet (not by RESET),
and since the TRI bit may easily be set by
issuing
a
CLEAR
RECEIVE
INTERRUPT
command, there is no need to use the RI bit of
the Interrupt Mask Register to mask interrupts
generated by the TRI bit of the Status Register.
In both the Command Chaining mode and the
non-chaining mode, the DISABLE RECEIVER
command will cancel the oldest reception, unless
the reception has already begun.
If both
receptions should be canceled, two DISABLE
RECEIVER commands should be issued.
RESET DETAILS
Internal Reset Logic
The COM90C66 includes special reset circuitry
to guarantee smooth operation during reset.
Special care is taken to assure proper operation
in a variety of systems and modes of operation.
The design ensures that the COM90C66 will not
disturb the microprocessor or the system bus
until the system has reached a certain level of
operation.
Furthermore, in order to eliminate
conflicts
with
other
memory
elements,
the
internal RAM of the COM90C66 is hidden from
the system until a software reset is issued to the
device and until a valid Node ID is placed in the
Node ID Register.
When the system software
determines that no conflicts will arise, it then may
enable the internal memory of the COM90C66
via a software reset.
Because most system buses are inherently
noisy, the COM90C66 contains digital filter
circuitry and a Schmitt Trigger on the RESET IN
signal to reject glitches in order to ensure fault-
free operation.
The COM90C66 supports two reset options;
software and hardware reset. An internal reset
signal of pulse width equal to 102.4 µS is
generated from either a hardware of a software
reset. The hardware reset occurs when a high
signal is asserted on the RESET IN input (pin
65). The minimum reset pulse width is 120 nS
(or 2T+20 nS for crystal frequencies other than
20 MHz, where T = 1/f).
This pulse width is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com