Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM90C66 Datasheet(PDF) 36 Page - SMSC Corporation

Part # COM90C66
Description  ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM90C66 Datasheet(HTML) 36 Page - SMSC Corporation

Back Button COM90C66 Datasheet HTML 32Page - SMSC Corporation COM90C66 Datasheet HTML 33Page - SMSC Corporation COM90C66 Datasheet HTML 34Page - SMSC Corporation COM90C66 Datasheet HTML 35Page - SMSC Corporation COM90C66 Datasheet HTML 36Page - SMSC Corporation COM90C66 Datasheet HTML 37Page - SMSC Corporation COM90C66 Datasheet HTML 38Page - SMSC Corporation COM90C66 Datasheet HTML 39Page - SMSC Corporation COM90C66 Datasheet HTML 40Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 76 page
background image
36
FIGURE 10 - INTERNAL RESET SEQUENCE
Hardware or
Software Reset
Internal POR
nMEMR, nMEMW,
nIOR, nIOW
Microsequencer POR
Internal Reset
102.4 uS or
256 bit clocks
12 uS
Cycles
Enabled
1
2
3
1
During this time, the microsequencer is being reset and the transmitter
portion of the device is disabled.
During this time, the nTOPH, nTOPL, nPROM, nIOCS16, and nMEMCS16 signals are a
a logic "1"; the INTR signal is a logic "0"; the data bus is in the high
impedance state; and the IOCHRDY signal is in normal operation.
The 2nd cycle should be
issued after the 12uS.
2
During this time, the microsequencer writes D1H to address 00H, and the Node
3
ID number to 01H. The transmitter portion of the device is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com