Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM90C66 Datasheet(PDF) 63 Page - SMSC Corporation

Part # COM90C66
Description  ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM90C66 Datasheet(HTML) 63 Page - SMSC Corporation

Back Button COM90C66 Datasheet HTML 59Page - SMSC Corporation COM90C66 Datasheet HTML 60Page - SMSC Corporation COM90C66 Datasheet HTML 61Page - SMSC Corporation COM90C66 Datasheet HTML 62Page - SMSC Corporation COM90C66 Datasheet HTML 63Page - SMSC Corporation COM90C66 Datasheet HTML 64Page - SMSC Corporation COM90C66 Datasheet HTML 65Page - SMSC Corporation COM90C66 Datasheet HTML 66Page - SMSC Corporation COM90C66 Datasheet HTML 67Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 76 page
background image
63
DATA SHEET ERRATA FOR REVISION B COM90C66
PAGE
SECTION/FIGURE/ENTRY
CORRECTION
4
Description of Pin Functions - n0WS
Make no connection to this pin.
13
Figure 2 - Bus Interface
16-Bit Interface Signals must always be present.
The n0WS signal should be left disconnected.
20,21,
25,37,
39
Tables
3,
4,
8
-
Configuration
Register Bit 7 (16EN) and Bit 5
(DECODE); Tables 11, 12; Figure 12
Bit 7 (16-Bit Enable) of the Configuration
Register must be written to as a logic "1" for
proper
device
operation.
Bit
5
of
the
Configuration Register (Decode Mode) is not
effective.
31-33
Command Chaining section
The status bits are only single-level.
34,36
READ AND WRITE CYCLES -
Memory vs. I/O Cycles section
In I/O Mapped Mode, packets in the internal
RAM buffer must be accessed by addressing
one 16-bit I/O location.
The device in 16-bit
mode increments the pointer by two. The device
should not be used in 8-bit mode.
37,40
Wait State Details section; Table 13
The Wait State bit may be written to as a logic
"0" to avoid IOCHRDY negation, but the n0WS
signal must be left disconnected.
40
8-Bit vs. 16-Bit Accesses section
Disregard references to 8-bit Memory and 8-bit
I/O Mapped Mode.
All accesses to internal
memory should be 16-bit. When the device is in
16-bit I/O Mapped Mode, byte writes to odd
locations should not be done.
41
Table 14
8-bit I/O accesses to the Data Register and 8-bit
Memory accesses should not be done.
48
Figure 14
Disregard the n0WS timing signal. This signal
should not be used.
59
Figure 26
t3 should read 314 µsec minimum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com