Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM90C66 Datasheet(PDF) 23 Page - SMSC Corporation

Part # COM90C66
Description  ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM90C66 Datasheet(HTML) 23 Page - SMSC Corporation

Back Button COM90C66 Datasheet HTML 19Page - SMSC Corporation COM90C66 Datasheet HTML 20Page - SMSC Corporation COM90C66 Datasheet HTML 21Page - SMSC Corporation COM90C66 Datasheet HTML 22Page - SMSC Corporation COM90C66 Datasheet HTML 23Page - SMSC Corporation COM90C66 Datasheet HTML 24Page - SMSC Corporation COM90C66 Datasheet HTML 25Page - SMSC Corporation COM90C66 Datasheet HTML 26Page - SMSC Corporation COM90C66 Datasheet HTML 27Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
23
Table 5 - Status Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7
Receiver Inhibited
RI
This bit, if high, indicates that a packet has been deposited
into the RAM buffer page nn as specified by the last ENABLE
RECEIVE TO PAGE nn command.
No messages will be
received until this command is issued, and once the message
has been received, the RI bit gets set, thereby inhibiting the
receiver.
The RI bit is cleared by issuing an ENABLE
RECEIVE TO PAGE nn command. This bit, when set, will
cause an interrupt if the corresponding bit of the Interrupt
Mask Register is also set.
6
(not used)
This bit is undefined.
5
(not used)
This bit is undefined.
4
Power On Reset
POR
This bit, if high, indicates that the COM90C66 has been reset
by either a software reset, a hardware reset, or setting the
Node ID = 00H.
The POR bit is cleared by the CLEAR
FLAGS command.
3
Test
TEST
This bit is intended for test and diagnostic purposes. It is a
logic "0" under normal operating conditions.
2
Reconfiguration
RECON
This bit, if high, indicates that the Line Idle Timer has timed
out because the RXIN pin (pin 57) was idle for 82
S. The
RECON bit is cleared during a CLEAR FLAGS command.
This bit, when set, will cause an interrupt if the corresponding
bit in the Interrupt Mask Register is also set. The interrupt
service routine should consist of looking at the MYRECON bit
of the Diagnostic Status Register to make sure that there are
not consecutive reconfigurations caused by this node.
1
Transmitter
Message
Acknowledged
TMA
This bit, if high, indicates that the packet transmitted as a
result of an ENABLE TRANSMIT FROM PAGE nn command
has been positively acknowledged. This bit should only be
considered valid after the TA bit (bit 0) is set.
Broadcast
messages are never acknowledged. The TMA bit is cleared
by issuing the ENABLE TRANSMIT FROM PAGE nn
command.
0
Transmitter
Available
TA
This bit, if high, indicates that the transmitter is available for
transmitting. This bit is set at the conclusion of an ENABLE
TRANSMIT FROM PAGE nn command or upon execution of
a DISABLE TRANSMITTER command. The TA bit is cleared
by issuing the ENABLE TRANSMIT FROM PAGE nn
command after the node next receives the token. This bit,
when set, will cause an interrupt if the corresponding bit in
the Interrupt Mask Register is also set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com