Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM90C66 Datasheet(PDF) 62 Page - SMSC Corporation

Part # COM90C66
Description  ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM90C66 Datasheet(HTML) 62 Page - SMSC Corporation

Back Button COM90C66 Datasheet HTML 58Page - SMSC Corporation COM90C66 Datasheet HTML 59Page - SMSC Corporation COM90C66 Datasheet HTML 60Page - SMSC Corporation COM90C66 Datasheet HTML 61Page - SMSC Corporation COM90C66 Datasheet HTML 62Page - SMSC Corporation COM90C66 Datasheet HTML 63Page - SMSC Corporation COM90C66 Datasheet HTML 64Page - SMSC Corporation COM90C66 Datasheet HTML 65Page - SMSC Corporation COM90C66 Datasheet HTML 66Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 76 page
background image
62
ADDENDUM 1
DATA SHEET ERRATA FOR REVISION B COM90C66
-
The Revision B device does not operate properly in 8-bit mode. Therefore, any reference to 8-bit
operation should be disregarded.
-
The Revision B device asserts the nn0WS signal on any memory read or memory write cycle, not
just those associated with the COM90C66. Therefore, the n0WS signal should not be connected
and any reference to Zero Wait State operation should be disregarded.
-
The Revision B device, when used in Command Chaining Mode, effectively has only one level of
status bits. Therefore, disregard any reference to double buffering of the interrupt status bits.
-
In the Revision B device, the Decode Mode bit has no effect on the memory mapped decode.
Therefore, programming bit 5 of the Configuration Register is ineffective. The nENROM signal
must be used alone to control the decode of either 128K or 2K of memory.
-
In the Revision B device, when the device is in 16-bit I/O Mapped Mode, byte writes to odd
locations overwrites the adjacent even location, therefore, byte writes to odd locations should not
be done. It is suggested to perform all writes as word writes, or to temporarily place the device
into 8-bit mode (only for this odd byte write) and then switch back to 16-bit mode for subsequent
accesses.
-
In the Revision B device, the nTXLED active width is only 314 µsec.
These corrections apply to this data sheet only when used for Revision B of the COM90C66. This
COM90C66 revision is identified on the part by the letter "B" preceding the date code.
Specific entries in table format appear on the following page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com