Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM90C66 Datasheet(PDF) 49 Page - SMSC Corporation

Part # COM90C66
Description  ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM90C66 Datasheet(HTML) 49 Page - SMSC Corporation

Back Button COM90C66 Datasheet HTML 45Page - SMSC Corporation COM90C66 Datasheet HTML 46Page - SMSC Corporation COM90C66 Datasheet HTML 47Page - SMSC Corporation COM90C66 Datasheet HTML 48Page - SMSC Corporation COM90C66 Datasheet HTML 49Page - SMSC Corporation COM90C66 Datasheet HTML 50Page - SMSC Corporation COM90C66 Datasheet HTML 51Page - SMSC Corporation COM90C66 Datasheet HTML 52Page - SMSC Corporation COM90C66 Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
49
TIMING DIAGRAMS
The AC parameters in Figures 14-26 are preliminary. Enhancements will follow.
FIGURE 14 - ZERO WAIT STATE AND IOCHRDY TIMING
nMEMR,
nMEMW,
nIOR, or
nIOW
nOWS**
IOCHRDY**
t1
t2
t3
t4
t5
20
t1
t2
t3
t4
t5
Parameter
Control Signal Pulse Width
Control Signal Low to nOWS Low
Control Signal High to nOWS High
Control Signal Low to IOCHRDY Low
IOCHRDY Low Pulse Width
min
80
0
0
50
typ
max
20
115
units
nS
nS
nS
nS
nS
20
0
** These signals are mutually exclusive. Only one signal is active on any given board, depending
on the WAIT STATE bit of the Configuration Register.
*
* 1.2 uS for back-to-back 8-bit cycles
2.5 uS for 16-bit cycles
t5
50
115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com