Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM90C66 Datasheet(PDF) 64 Page - SMSC Corporation

Part # COM90C66
Description  ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM90C66 Datasheet(HTML) 64 Page - SMSC Corporation

Back Button COM90C66 Datasheet HTML 60Page - SMSC Corporation COM90C66 Datasheet HTML 61Page - SMSC Corporation COM90C66 Datasheet HTML 62Page - SMSC Corporation COM90C66 Datasheet HTML 63Page - SMSC Corporation COM90C66 Datasheet HTML 64Page - SMSC Corporation COM90C66 Datasheet HTML 65Page - SMSC Corporation COM90C66 Datasheet HTML 66Page - SMSC Corporation COM90C66 Datasheet HTML 67Page - SMSC Corporation COM90C66 Datasheet HTML 68Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
64
ADDENDUM 2
DATA SHEET ERRATA FOR REVISION D COM90C66
-
The Revision D device contains 16-bit detection circuitry on the input of pin 60 to allow the device
to power up in 16-bit mode.
If pin 60 senses a low level any time between hardware reset and
writing to the Configuration Register, the device defaults to 16-bit mode.
If a low level is not
sensed on pin 60, the device defaults to 8-bit mode. The mode may be overridden via software, if
desired.
-
In the generation of the nMEMCS16 signal, the Revision D device decodes the A19-A11 addresses
before they are latched by the device. The earlier comparison allows the nMEMCS16 signal to be
activated and deactivated more quickly by being independent of the BALE signal.
-
In the generation of the nIOCS16 signal, the Revision D device decodes the A15-A2 addresses
before they are latched by the device. The earlier comparison allows the nIOCS16 signal to be
activated and deactivated more quickly by being independent of the BALE signal.
-
In the Revision D device, when the IOCHRDY signal is negated for internal accesses, it is always
negated for two to three XTAL1 clock periods rather than one to two.
-
In the Revision D device, the leading edges of the nMEMR and nMEMW signals internally latch
the addresses. When the device is used in 8-bit mode, the BALE signal should be tied high. In
this case, the 16-bit cycles which get broken into two 8-bit cycles will now be addressed properly
for both cycles because the ALE signal is no longer depended upon.
Any reference to the
requirement of the ALE signal should be disregarded.
These corrections apply to this data sheet only when used for Revision D of the COM90C66. This
COM90C66 revision is identified on the part by either the letter "D" preceding the date code or no letter
at all preceding the date code.
Specific entries in table format appear on the following pages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com