Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM90C66 Datasheet(PDF) 44 Page - SMSC Corporation

Part # COM90C66
Description  ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM90C66 Datasheet(HTML) 44 Page - SMSC Corporation

Back Button COM90C66 Datasheet HTML 40Page - SMSC Corporation COM90C66 Datasheet HTML 41Page - SMSC Corporation COM90C66 Datasheet HTML 42Page - SMSC Corporation COM90C66 Datasheet HTML 43Page - SMSC Corporation COM90C66 Datasheet HTML 44Page - SMSC Corporation COM90C66 Datasheet HTML 45Page - SMSC Corporation COM90C66 Datasheet HTML 46Page - SMSC Corporation COM90C66 Datasheet HTML 47Page - SMSC Corporation COM90C66 Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 76 page
background image
44
those tokens transmitted by this node).
The RCVACT and TOKEN bits of the Diagnostic
Status
Register
may
help
the
user
to
troubleshoot
the
network
or
the
node.
If
unusual events are occurring on the network, the
user may find it valuable to use the TXOFF bit of
the Configuration Register to qualify events.
Different combinations indicate different types of
problems.
Table 15 - Diagnostic Bits for Troubleshooting Network Activity
RCVACT
TOKEN
TXOFF
DESCRIPTION
NORMAL RESULTS
1
1
1
The node is not part of the network.
The
network is operating properly without this
node.
1
1
0
The node sees receive activity and sees the
token.
The basic transmit function is
enabled.
Network and node are operating
properly.
ABNORMAL RESULTS
1
0
X
The node sees receive activity, but is not
seeing the token. Perhaps no other nodes
exist on the the network, or some type of
data corruption exists, or the media driver is
not functioning properly, or the topology is
set up incorrectly, or there is noise on the
network, or a reconfiguration is occurring.
0
0
0
No receive activity is seen and the basic
transmit function is enabled. The transmitter
and/or receiver are not functioning properly.
0
0
1
No receive activity is seen and the basic
transmit function is disabled.
This node is
not connected to the network.
In addition to the Diagnostic Status Register
bits, the COM90C66 contains two pins for direct
connection to LED's. These pins are meant to
immediately provide basic visual information on
board and network activity with decreased
dependence upon software.
The COM90C66
contains an internal retriggerable digital one-
shot which allows the nTXLED to light for 726
uS
+/-10%
each
time
the
COM90C66 transmits information. Every time
the host accesses either the internal RAM,
registers, or external PROM, the nBSLED will
light for 400 mS +/- 20%. The sink capability of
both the nTXLED and nBSLED pins is 10mA,
thus allowing direct connection to the LED's to
be supported by
the
COM90C66. The only
additional components are 500
Ω resistors
between the LED's and VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com