Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2H6 Datasheet(PDF) 54 Page - STMicroelectronics

Part # STR755FV2H6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2H6 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STR755FV2H6 Datasheet HTML 50Page - STMicroelectronics STR755FV2H6 Datasheet HTML 51Page - STMicroelectronics STR755FV2H6 Datasheet HTML 52Page - STMicroelectronics STR755FV2H6 Datasheet HTML 53Page - STMicroelectronics STR755FV2H6 Datasheet HTML 54Page - STMicroelectronics STR755FV2H6 Datasheet HTML 55Page - STMicroelectronics STR755FV2H6 Datasheet HTML 56Page - STMicroelectronics STR755FV2H6 Datasheet HTML 57Page - STMicroelectronics STR755FV2H6 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 73 page
background image
Electrical parameters
STR750F
54/71
Figure 25.
Connecting unused I/O pins
Output driving current
The GP I/Os have different drive capabilities:
●
O2 outputs can sink or source up to +/-2 mA.
●
O4 outputs can sink or source up to +/-4 mA.
●
outputs can sink or source up to +/-8 mA or can sink +20 mA (with a relaxed VOL).
In the application, the user must limit the number of I/O pins which can drive current to
respect the absolute maximum rating specified in Section 3.2.2 :
●
The sum of the current sourced by all the I/Os on VDD_IO, plus the maximum RUN
consumption of the MCU sourced on VDD_IO, can not exceed the absolute maximum
rating IVDD_IO.
●
The sum of the current sunk by all the I/Os on VSS_IO plus the maximum RUN
consumption of the MCU sunk on VSS_IO can not exceed the absolute maximum rating
IVSS_IO.
Subject to general operating conditions for VDD_IO and TA unless otherwise specified.
10k
Ω
UNUSED I/O PORT
STR7XXX
10k
Ω
UNUSED I/O PORT
STR7XXX
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com