Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2H6 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STR755FV2H6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2H6 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STR755FV2H6 Datasheet HTML 29Page - STMicroelectronics STR755FV2H6 Datasheet HTML 30Page - STMicroelectronics STR755FV2H6 Datasheet HTML 31Page - STMicroelectronics STR755FV2H6 Datasheet HTML 32Page - STMicroelectronics STR755FV2H6 Datasheet HTML 33Page - STMicroelectronics STR755FV2H6 Datasheet HTML 34Page - STMicroelectronics STR755FV2H6 Datasheet HTML 35Page - STMicroelectronics STR755FV2H6 Datasheet HTML 36Page - STMicroelectronics STR755FV2H6 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
STR750F
Electrical parameters
33/71
3.3
Operating conditions
3.3.1
General operating conditions
Subject to general operating conditions for VDD_IO, and TA unless otherwise specified.
3.3.2
Operating conditions at power-up / power-down
Subject to general operating conditions for TA.
Table 9.
General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB Clock frequency
Accessing SRAM with 0 wait
states
0
64
MHz
Accessing Flash in burst mode,
TA≤85° C
060
Accessing Flash in burst mode
TA>85° C
56
Accessing Flash with 0 wait
states
032
Accessing Flash in RWW mode
0
16
fPCLK
Internal APB Clock frequency
0
32
MHz
VDD_IO
Standard Operating Voltage
Power Scheme 1 & 2
3.0
3.6
V
Standard Operating Voltage
Power Scheme 3 & 4
4.5
5.5
V18
Standard Operating Voltage
Power Scheme 2 & 4
1.65
1.95
TA
Ambient temperature range
6 Suffix Version
-40
85
°C
7 Suffix Version
-40
105
°C
Table 10.
Operating conditions at power-up / power-down
Symbol
Parameter
Conditions
Min(1)
1.
Data guaranteed by characterization, not tested in production.
Typ
Max(1)
Unit
tVDD_IO
VDD_IO rise time rate
20
µs/V
20
ms/V
tV18
V18 rise time rate
(1)
When 1.8 V power is supplied
externally
20
µs/V
20
ms/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com