Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2H6 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STR755FV2H6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2H6 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STR755FV2H6 Datasheet HTML 12Page - STMicroelectronics STR755FV2H6 Datasheet HTML 13Page - STMicroelectronics STR755FV2H6 Datasheet HTML 14Page - STMicroelectronics STR755FV2H6 Datasheet HTML 15Page - STMicroelectronics STR755FV2H6 Datasheet HTML 16Page - STMicroelectronics STR755FV2H6 Datasheet HTML 17Page - STMicroelectronics STR755FV2H6 Datasheet HTML 18Page - STMicroelectronics STR755FV2H6 Datasheet HTML 19Page - STMicroelectronics STR755FV2H6 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
Pin Description
STR750F
16/71
7D1
5
D1
P0.29 / TIM1_TI1
/ ADC_IN8
I/O
TT
X
XO2
X
X
Port 0.29
TIM1: Input
Capture 1
ADC: Analog
input 8
8E1
6
D2
P0.28 /
TIM1_OC1
I/O
TT
X
XO2
X
X
Port 0.28
TIM1: Output Compare 1
9
E5
7
D3
TEST
I
Reserved, must be tied to ground
10
E4
8
D4
VSS_IO
S
Ground Voltage for digital I/Os
11
E2
P0.23 /
UART1_RTS /
ADC_IN6
I/O
TT
X
XO2
X
X
Port 0.23
UART1: Ready
To Send
output(2)
ADC analog input
6
12
F5
P2.04 /
TIM2_OC1
I/O
TT
X
XO2
X
X
Port 2.04
TIM2: Output
Compare 1(2)
13
F1
P2.03 /
UART1_RTS
I/O
TT
X
XO2
X
X
Port 2.03
UART1: Ready
To Send
output(2)
14
F4
P2.02
I/O
TT
X
XO2
X
X
Port 2.02
15
E3
P0.22 /
UART1_CTS /
ADC_IN5
I/O
TT
X
XO2
X
X
Port 0.22
UART1: Clear To
Send input
ADC: Analog
input 5
16
F2
9
E4
P0.21 /
UART1_TX
I/O
TT
X
XO2
X
X
Port 0.21
UART1: Transmit data output
(remappable to P0.15)(2)
17
F3
10
E3
P0.20 /
UART1_RX
I/O
TT
X
XO2
X
X
Port 0.20
UART1: Receive data input
(remappable to P0.14)(2)
18
G3
11
E2
P1.19 / JTMS
I/O
TT
XX
O2
X
X
JTAG mode
selection
input(4)
Port 1.19
19
G2
12
E1
P1.18 / JTCK
I/O
TT
XX
O2
X
X
JTAG clock
input(4)
Port 1.18
20
H3
13
F4
P1.17 / JTDO
I/O
TT
XX
O8
X
X
JTAG data
output(4)
Port 1.17
21
H2
14
F3
P1.16 / JTDI
I/O
TT
XX
O2
X
X
JTAG data
input(4)
Port 1.16
22
G1
15
F2
NJTRST
I
TT
JTAG reset input(3)
23
G4
P2.01
I/O
TT
X
XO2
X
X
Port 2.01
24
G5
P2.00
I/O
TT
X
XO2
X
X
Port 2.00
25
H1
16
F1
P0.13 / RTCK /
UART0_RTS
I/O
TT
XX
O8
X
X
JTAG
return
clock
output(4)
Port 0.13
UART0: Ready To Send output(2)
26
J2
17
G2
P0.12 /
UART0_CTS /
ADC_IN2 /
SMI_CS1
I/O
TT
X
XO4
X
X
Port 0.12
UART0: Clear To
Send input
ADC: Analog
input 2
Serial Memory Interface: chip select
output 1
Table 5.
STR750F pin description (continued)
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function
OD
(1)
PP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com