Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2H6 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STR755FV2H6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2H6 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STR755FV2H6 Datasheet HTML 16Page - STMicroelectronics STR755FV2H6 Datasheet HTML 17Page - STMicroelectronics STR755FV2H6 Datasheet HTML 18Page - STMicroelectronics STR755FV2H6 Datasheet HTML 19Page - STMicroelectronics STR755FV2H6 Datasheet HTML 20Page - STMicroelectronics STR755FV2H6 Datasheet HTML 21Page - STMicroelectronics STR755FV2H6 Datasheet HTML 22Page - STMicroelectronics STR755FV2H6 Datasheet HTML 23Page - STMicroelectronics STR755FV2H6 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
Pin Description
STR750F
20/71
94
D5
P1.01 / TIM0_TI2
I/O
TT
X
XO2
X
X
Port 1.01
TIM0: Input Capture / trigger /
external clock 2 (remappable to
P0.05)(6)
95
E6
P1.00 /
TIM0_OC2
I/O
TT
X
XO2
X
X
Port 1.00
TIM0: Output compare 2
(remappable to P0.04)(6)
96
C4
60
C4
V18
S
Stabilization for main voltage regulator. Requires
external capacitors 33nF between V18 and VSS18.
See Figure 4.
To be connected to the 1.8V external power supply
when embedded regulators are not used.
97
D4
61
C5
VSS18
S
Ground Voltage for the main voltage regulator.
98
D3
62
A2
VSS_IO
S
Ground Voltage for digital I/Os
99
C3
63
B2
VDD_IO
S
Supply Voltage for digital I/Os
100
A1
64
A1
P0.03 / TIM2_TI1
/ ADC_IN1
I/O
TT
X
XO2
X
X
Port 0.03
TIM2: Input
Capture / trigger
/ external clock 1
ADC: analog
input 1
1.
None of the I/Os are True Open Drain: when configured as Open Drain, there is always a protection diode between the I/O
pin and VDD_IO.
2.
In the 100-pin package, this Alternate Function is duplicated on two ports. You can configure one port to use this AF, the
other port is then free for general purpose I/O (GPIO), external interrupt/wake-up lines, or analog input (ADC_IN) where
these functions are listed in the table.
3.
It is mandatory that the NJTRST pin is reset to ground during the power-up phase. It is recommended to connect this pin to
NRSTOUT pin (if available) or NRSTIN.
4.
After reset, these pins are enabled as JTAG alternate function see (Port Reset State on page 15). To use these ports as
general purpose I/O (GPIO), the DBGOFF control bit in the GPIO_REMAP0R register must be set by software (in this case,
debugging these I/Os via JTAG is not possible).
5.
There are two different TQFP and BGA 64-pin packages: in the first one, pins 41 and 42 are mapped to USB DN/DP while
for the second one, they are mapped to P0.15/CAN_TX and P0.14/RX.
6.
For details on remapping these alternate functions, refer to the GPIO_REMAP0R register description.
Table 5.
STR750F pin description (continued)
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function
OD
(1)
PP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com