Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2H6 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STR755FV2H6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2H6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STR755FV2H6 Datasheet HTML 10Page - STMicroelectronics STR755FV2H6 Datasheet HTML 11Page - STMicroelectronics STR755FV2H6 Datasheet HTML 12Page - STMicroelectronics STR755FV2H6 Datasheet HTML 13Page - STMicroelectronics STR755FV2H6 Datasheet HTML 14Page - STMicroelectronics STR755FV2H6 Datasheet HTML 15Page - STMicroelectronics STR755FV2H6 Datasheet HTML 16Page - STMicroelectronics STR755FV2H6 Datasheet HTML 17Page - STMicroelectronics STR755FV2H6 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
Pin Description
STR750F
14/71
2.0.1
Pin Description Table
Legend / Abbreviations for Table 5:
Type:
I = input, O = output, S = supply,
Input Levels:
All Inputs are LVTTL at VDD_IO = 3.3V+/-0.3V or TTL
at VDD_IO =5V
± 0.5V. In both cases, T
T means
VILmax =0.8V VIHmin=2.0V
Inputs:
All inputs can be configured as floating or with
internal weak pull-up or pull down (pu/pd)
Outputs:
All Outputs can be configured as Open Drain (OD) or
Push-Pull (PP) (see also note 6 below
Table 5).
There are 3 different types of Output with different
drives and speed characteristics:
–O8: fmax = 40 MHz on CL=50pF and 8 mA static
drive capability for VOL=0.4V and up to 20 mA for
VOL=1.3V (seeOutput driving current on page 54)
–O4: fmax = 20 MHz on CL=50pF and 4 mA static
drive capability for VOL=0.4V (seeOutput driving
current on page 54)
–O2: fmax = 10 MHz on CL=50pF and 2 mA static
drive capability of for VOL=0.4V (seeOutput driving
current on page 54)
External Interrupts/wake-up lines:
EITx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com