Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2H6 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STR755FV2H6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2H6 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STR755FV2H6 Datasheet HTML 24Page - STMicroelectronics STR755FV2H6 Datasheet HTML 25Page - STMicroelectronics STR755FV2H6 Datasheet HTML 26Page - STMicroelectronics STR755FV2H6 Datasheet HTML 27Page - STMicroelectronics STR755FV2H6 Datasheet HTML 28Page - STMicroelectronics STR755FV2H6 Datasheet HTML 29Page - STMicroelectronics STR755FV2H6 Datasheet HTML 30Page - STMicroelectronics STR755FV2H6 Datasheet HTML 31Page - STMicroelectronics STR755FV2H6 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
Electrical parameters
STR750F
28/71
Power supply scheme 4: Dual external 1.8 V and 5.0 V supply
Figure 11.
Power supply scheme 4
3.1.7
I/O characteristics versus the various power schemes (3.3V or 5.0V)
Unless otherwise mentioned, all the I/O characteristics are valid for both
●
VDD_IO=3.0 V to 3.6 V with bit EN33=1
●
VDD_IO=4.5 V to 5.5 V with bit EN33=0
When VDD_IO=3.0 V to 3.6 V, I/Os are not 5V tolerant.
3.1.8
Current Consumption Measurements
All the current consumption measurements mentioned below refer to Power scheme 1 and 2
as described in Figure 12 and Figure 13
5.0V
MAIN
VOLTAGE
LOW POWER
VOLTAGE
GP I/Os
OUT
ADC
ADCIN
IN
+/-0.5V
VIO=5.0V
VDD_ADC
VSS_ADC
PLL
5.0V
5.0V
VSS_PLL
VSS_IO
VDD_IO
VDD_PLL
REGULATOR
OFF
I/O LOGIC
OFF
KERNEL
BACKUP
(CORE &
DIGITAL &
(OSC32K, RTC
MEMORIES)
CIRCUITRY
WAKEUP LOGIC,
BACKUP REGISTERS)
POWER
SWITCH
VCORE
VBACKUP
V18_BKP
V18REG
VSS_BKP
VREG_DIS
1.8V
VSS18
VDD_IO
V18
REGULATOR
NOTE : THE EXTERNAL 5.0V POWER SUPPLY MUST ALWAYS BE KEPT ON
VLPVREG
VMVREG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com