Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2H6 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STR755FV2H6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2H6 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STR755FV2H6 Datasheet HTML 55Page - STMicroelectronics STR755FV2H6 Datasheet HTML 56Page - STMicroelectronics STR755FV2H6 Datasheet HTML 57Page - STMicroelectronics STR755FV2H6 Datasheet HTML 58Page - STMicroelectronics STR755FV2H6 Datasheet HTML 59Page - STMicroelectronics STR755FV2H6 Datasheet HTML 60Page - STMicroelectronics STR755FV2H6 Datasheet HTML 61Page - STMicroelectronics STR755FV2H6 Datasheet HTML 62Page - STMicroelectronics STR755FV2H6 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
STR750F
Electrical parameters
59/71
3.3.9
TB and TIM timer characteristics
Subject to general operating conditions for VDD_IO, fCK_SYS, and TA unless otherwise
specified.
Refer to Section 3.3.8: I/O port pin characteristics on page 53 for more details on the
input/output alternate function characteristics (output compare, input capture, external clock,
PWM output...).
Table 35.
TB and TIM timers
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tw(ICAP)in
Input capture
pulse time
TIM0,1,2
2
tCK_TIM
tres(TIM)
Timer
resolution
time(1)
1.
Take into account the frequency limitation due to the I/O speed capability when outputting the PWM to I/O
pin, described in : Output speed on page 56.
TB
fCK_TIM(MAX) = fCK_SYS
1tCK_TIM
fCK_TIM = fCK_SYS =
60 MHz
16.6(1)
ns
TIM0,1,2
fCK_TIM(MAX) = fCK_SYS
1tCK_TIM
fCK_TIM = fCK_SYS =
60MHz
16.6(1)
ns
fEXT
Timer
external clock
frequency on
TI1 or TI2
TIM0,1,2
fCK_TIM(MAX) = fCK_SYS
0fCK_TIM/4
MHz
fCK_TIM = fCK_SYS =
60 MHz
015
MHz
ResTIM
Timer
resolution
16
bit
tCOUNTER
16-bit
Counter clock
period when
internal clock
is selected
(16-bit
Prescaler)
TB
1
65536
tCK_TIM
fCK_TIM = fCK_SYS =
60 MHz
0.0166
1092
µs
TIM0,1,2
1
65536
tCK_TIM
fCK_TIM = fCK_SYS =
60 MHz
0.0166
1092
µs
tMAX_COUNT
Maximum
Possible
Count
TB
65536x65536 tCK_TIM
fCK_TIM = fCK_SYS =
60 MHz
71.58
s
TIM0,1,2
65536x65536 tCK_TIM
fCK_TIM = fCK_SYS =
60 MHz
71.58
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com