Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2H6 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STR755FV2H6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2H6 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STR755FV2H6 Datasheet HTML 35Page - STMicroelectronics STR755FV2H6 Datasheet HTML 36Page - STMicroelectronics STR755FV2H6 Datasheet HTML 37Page - STMicroelectronics STR755FV2H6 Datasheet HTML 38Page - STMicroelectronics STR755FV2H6 Datasheet HTML 39Page - STMicroelectronics STR755FV2H6 Datasheet HTML 40Page - STMicroelectronics STR755FV2H6 Datasheet HTML 41Page - STMicroelectronics STR755FV2H6 Datasheet HTML 42Page - STMicroelectronics STR755FV2H6 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
STR750F
Electrical parameters
39/71
Subject to general operating conditions for VDD_IO, and TA
Table 14.
Single supply typical power consumption in Run, WFI, Slow and Slow-WFI modes
Symbol
Para meter
Conditions
3.3V
typ(1)
5V
typ(2)
Unit
IDD
(3)
Supply current in
RUN mode(4)
Clocked by OSC4M with PLL multiplication, all peripherals
enabled in the MRCC_PLCKEN register:
fHCLK=60 MHz, fPCLK=30 MHz
fHCLK=56 MHz, fPCLK=28 MHz
fHCLK=48 MHz, fPCLK=24 MHz
fHCLK=32 MHz, fPCLK=32 MHz
fHCLK=16 MHz, fPCLK=16 MHz
fHCLK=8 MHz, fPCLK=8 MHz
80
75
65
59
34
20
82
77
67
61
37
22
mA
Clocked by OSC4M with PLL multiplication, only EXTIT
peripheral enabled in the MRCC_PLCKEN register:
fHCLK=60 MHz, fPCLK=30 MHz
fHCLK=56 MHz, fPCLK=28 MHz
fHCLK=48 MHz, fPCLK=24 MHz
fHCLK=32 MHz, fPCLK=32 MHz
fHCLK=16 MHz, fPCLK=16 MHz
fHCLK=8 MHz, fPCLK=8 MHz
65
60
54
42
22
16
67
62
55
44
24
18
mA
Supply current in
WFI mode(4)
Clocked by OSC4M with PLL multiplication, only EXTIT
peripheral enabled in the MRCC_PLCKEN register:
fHCLK=60 MHz, fPCLK=30 MHz
(5)
fHCLK=56 MHz, fPCLK=28 MHz
(5)
fHCLK=48 MHz, fPCLK=24 MHz
(5)
fHCLK=32 MHz, fPCLK=32 MHz
(6)
fHCLK=16 MHz, fPCLK= 16 MHz
(6)
fHCLK= 8 MHz, fPCLK= 8 MHz
(6)
62
59
53
22
13
10
63
60
54
23
15
11
mA
Supply current in
SLOW mode(4)
(7)
Clocked by FREEOSC: fHCLK=fPCLK=~5 MHz,
Clocked by OSC4M: fHCLK=fPCLK=4 MHz
Clocked by LPOSC: fHCLK=fPCLK=~300 kHz
Clocked by OSC32K: fHCLK=fPCLK=32.768 kHz
9
8
3.65
3.5
10
9
3.9
4.2
mA
Supply current in
SLOW-WFI
mode(4) (7)
Clocked by FREEOSC: fHCLK=fPCLK=~5 MHz
Clocked by OSC4M: fHCLK=fPCLK=4 MHz
Clocked by LPOSC: fHCLK=fPCLK=~300 kHz
Clocked by OSC32K: fHCLK=fPCLK=32.768 kHz
3.5
3.1
1.15
0.98
4.0
3.75
1.65
1.5
mA
1.
Typical data based on TA=25° C and VDD_IO=3.3V.
2.
Typical data based on TA=25° C and VDD_IO=5.0V.
3.
The conditions for these consumption measurements are described at the beginning of Section 3.3.4 on page 35.
4.
Single supply scheme see Figure 14.
5.
Parameter setting BURST=1, WFI_FLASHEN=1
6.
Parameter setting BURST=0, WFI_FLASHEN=0
7.
Parameter setting WFI_FLASHEN=0, OSC4MOFF=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com